Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4434EUK-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4434EUK-T
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4434EUK-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4434EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX4434EUK-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
10
______________________________________________________________________________________
face-mount components since they have shorter bodies
and lower parasitic reactance. This will result in
improved performance over through-hole components.
The bypass capacitors should include 1nF and/or
0.1µF surface-mount ceramic capacitors between VCC
and the ground plane, located as close to the package
as possible. Place a 10µF tantalum capacitor at the
power supply’s point of entry to the PC board to ensure
the integrity of the incoming supplies. Input termination
resistors and output back-termination resistors, if used,
should be surface-mount types and should be placed
as close to the IC pins as possible.
Driving Capacitive Loads
The MAX4434–MAX4437 can drive capacitive loads.
However, excessive capacitive loads may cause ring-
ing or instability at the output as phase margin is
reduced. Adding a small isolation resistor in series with
the output capacitive load helps reduce the ringing but
slightly increases gain error (see Typical Operating
Characteristics and Figure 3).
MAX4434-
MAX4437
VOUT
VIN
RISO
CL
RL
Figure 3. Capacitive-Load Driving Circuit
Selector Guide
PART
AMPS
MIN GAIN
STABLE
(V/V)
BW
(MHz)
SETTLING
TIME TO
0.0015%
(ns)
MAX4434
1
+1
150
35
MAX4435
1
+5
150
23
MAX4436
2
+1
150
35
MAX4437
2
+5
150
23
Pin Configurations (continued)
TOP VIEW
1
2
3
4
8
7
6
5
VCC
OUTB
INB-
INB+
VEE
INA+
INA-
OUTA
MAX4436
MAX4437
µMAX/SO
1
2
3
4
8
7
6
5
N.C.
VCC
OUT
N.C.
VEE
IN+
IN-
N.C.
SO
MAX4434
MAX4435
Chip Information
MAX4434/MAX4435 TRANSISTOR COUNT: 141
MAX4436/MAX4437 TRANSISTOR COUNT: 318


Similar Part No. - MAX4434EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4434EUK-T MAXIM-MAX4434EUK-T Datasheet
514Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434EUK-T MAXIM-MAX4434EUK-T Datasheet
379Kb / 14P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434EUK-T MAXIM-MAX4434EUK-T Datasheet
2Mb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
More results

Similar Description - MAX4434EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
   Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
   Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com