Electronic Components Datasheet Search |
|
IS80LV51-40PQI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc |
|
IS80LV51-40PQI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc |
9 / 43 page IS80LV51 IS80LV31 Integrated Silicon Solution, Inc. 9 ADVANCE INFORMATION MC018-0A 10/01/98 ISSI® SPECIAL FUNCTION REGISTERS (Continued) Stack Pointer (SP) The Stack Pointer Register is eight bits wide. It is incremented before data is stored during PUSH and CALL executions. While the stack may reside anywhere in on-chip RAM, the Stack Pointer is initialized to 07H after a reset. This causes the stack to begin at location 08H. Data Pointer (DPTR) The Data Pointer consists of a high byte (DPH) and a low byte (DPL). Its function is to hold a 16-bit address. It may be manipulated as a 16-bit register or as two independent 8-bit registers. Ports 0 To 3 P0, P1, P2, and P3 are the SFR latches of Ports 0, 1, 2, and 3, respectively. Serial Data Buffer (SBUF) The Serial Data Buffer is actually two separate registers, a transmit buffer and a receive buffer register. When data is moved to SBUF, it goes to the transmit buffer, where it is held for serial transmission. (Moving a byte to SBUF initiates the transmission.) When data is moved from SBUF, it comes from the receive buffer. Timer Registers Register pairs (TH0, TL0) and (TH1, TL1) are the 16-bit Counter registers for Timer/Counters 0 and 1, respectively. Control Registers Special Function Registers IP, IE, TMOD, TCON, SCON, and PCON contain control and status bits for the interrupt system, the Timer/Counters, and the serial port. They are described in later sections of this chapter. |
Similar Part No. - IS80LV51-40PQI |
|
Similar Description - IS80LV51-40PQI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |