Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28C256-15KA6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28C256-15KA6T
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256-15KA6T Datasheet(HTML) 1 Page - STMicroelectronics

  M28C256-15KA6T Datasheet HTML 1Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 2Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 3Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 4Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 5Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 6Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 7Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 8Page - STMicroelectronics M28C256-15KA6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
M28256
256 Kbit (32Kb x8) Parallel EEPROM
with Software Data Protection
PRELIMINARY DATA
January 1999
1/21
This is preliminary information on a new product now in developmentor undergoing evaluation . Detail s are subject to change without notice.
AI01885
15
A0-A14
W
DQ0-DQ7
VCC
M28256
G
E
VSS
8
Figure 1. Logic Diagram
28
1
PDIP28 (BS)
PLCC32 (KA)
A0-A14
Address Input
DQ0-DQ7
Data Input / Output
W
Write Enable
E
Chip Enable
G
Output Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
FAST ACCESS TIME:
– 90ns at 5V
– 120ns at 3V
SINGLE SUPPLY VOLTAGE:
–5V
± 10% for M28256
– 2.7V to 3.6V for M28256-xxW
LOW POWER CONSUMPTION
FAST WRITE CYCLE:
– 64 Bytes Page Write Operation
– Byte or Page Write Cycle
ENHANCED END of WRITE DETECTION:
– Data Polling
– Toggle Bit
STATUS REGISTER
HIGH RELIABILITY DOUBLE POLYSILICON,
CMOS TECHNOLOGY:
– Endurance >100,000 Erase/Write Cycles
– Data Retention >10 Years
JEDEC APPROVED BYTEWIDE PIN OUT
ADDRESS and DATA LATCHED ON-CHIP
SOFTWARE DATA PROTECTION
DESCRIPTION
The M28256 and M28256-Ware 32K x8 low power
Parallel EEPROM fabricatedwith STMicroelectron-
ics proprietary double polysilicon CMOS technol-
ogy.
TSOP28 (NS)
8 x13.4mm
28
1
SO28 (MS)
300 mils


Similar Part No. - M28C256-15KA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1T STMICROELECTRONICS-M28C16-120K1T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1TR STMICROELECTRONICS-M28C16-120K1TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28C16-120K6T STMICROELECTRONICS-M28C16-120K6T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K6TR STMICROELECTRONICS-M28C16-120K6TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
More results

Similar Description - M28C256-15KA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
   256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com