Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2560 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C2560
Description  Stratum 3 Compliant Tight Stability Low Aging
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2560 Datasheet(HTML) 3 Page - Vectron International, Inc

  C2560 Datasheet HTML 1Page - Vectron International, Inc C2560 Datasheet HTML 2Page - Vectron International, Inc C2560 Datasheet HTML 3Page - Vectron International, Inc C2560 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C2560
TCXO
Vectron International · www.vectron.com
v.2005-02-03 · page 3 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower,
88 Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Standard Shipping Method
*bei W
≤ 24 mm nur untere Lochreihe
∗by W ≤ 24 mm only lower hole line
Gurtoberseite
Tape upper side
Gurtunterseite
Tape buttom side
Abwickelrichtung
Unwinding direction
Lage im Gurt
Position in tape
Pin 1
A
X
P
B
K
Production tolerance complying DIN IEC 286-3
Enclosure Type
Tape width
W [mm]
Quantity
per meter
Quantity
per reel
Dimension
P
Recommended Reflow Profile
25º C
40 - 90 SEC
WARM-UP
90 - 120 SEC
DWELL
110º C
130º C
183º C
225 - 240º C
55 - 110 SEC
RAMP
110 - 215 SEC
COOL-DOWN
30 - 60 SEC
REFLOW
SMD oscillators must be on the top side of the PCB during the reflow process.


Similar Part No. - C2560

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2560 VECTRON-C2560 Datasheet
736Kb / 4P
   Optimized for Semtech SONET / SDH Synchronization Sets
C2560 VECTRON-C2560_07 Datasheet
736Kb / 4P
   Optimized for Semtech SONET / SDH Synchronization Sets
More results

Similar Description - C2560

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
YH1440 EUROQUARTZ-YH1440 Datasheet
84Kb / 1P
   Miniature Package - Stratum 3 Compliant
T120 EUROQUARTZ-T120 Datasheet
83Kb / 1P
   Low Noise, Tight Stability
logo
QUARTZCOM the communica...
TXO-SW-H-5P-ST3 QUARTZCOM-TXO-SW-H-5P-ST3 Datasheet
163Kb / 1P
   STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
TX7-503C-ST3 QUARTZCOM-TX7-503C-ST3 Datasheet
121Kb / 1P
   STRATUM III SMD TCXO CMOS Overall stability: 짹4.60 ppm including 20 years aging
TX7-705C-S-ST3 QUARTZCOM-TX7-705C-S-ST3 Datasheet
107Kb / 1P
   STRATUM III SMD TCXO CMOS Overall stability 짹4.60 ppm including 20 years aging
TXO-P9-H-6P-ST3 QUARTZCOM-TXO-P9-H-6P-ST3 Datasheet
114Kb / 1P
   STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
logo
MTRONPTI
XO5153 MTRONPTI-XO5153 Datasheet
126Kb / 1P
   High performance stability and aging
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
EUROQUARTZ limited
T121 EUROQUARTZ-T121 Datasheet
109Kb / 1P
   Low g-sensitivity, Tight Stability
T124 EUROQUARTZ-T124 Datasheet
89Kb / 1P
   Low frequency, Rugged, Tight Stability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com