Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH211SP-10VC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MACH211SP-10VC
Description  High-Performance EE CMOS In-System Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MACH211SP-10VC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MACH211SP-10VC Datasheet HTML 5Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 6Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 7Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 8Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 9Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 10Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 11Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 12Page - List of Unclassifed Manufacturers MACH211SP-10VC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MACH211SP-7/10/12/15
9
V
ANTIS
The Macrocell
The MACH211SP has two types of macrocell: output and buried. The output macrocells can be
configured as either registered, latched, or combinatorial, with programmable polarity. The
macrocell provides internal feedback whether configured with or without the flip-flop. The
registers can be configured as D-type or T-type, allowing for product-term optimization.
The flip-flops can individually select one of two clock/gate pins, which are also available as data
inputs. The registers are clocked on the LOW-to-HIGH transition of the clock signal. The latch
holds its data when the gate input is HIGH, and is transparent when the gate input is LOW. The
flip-flops can also be asynchronously initialized with the common asynchronous reset and preset
product terms.
The buried macrocells are the same as the output macrocells if they are used for generating logic.
In that case, the only thing that distinguishes them from the output macrocells is the fact that there
is no I/O cell connection, and the signal is only used internally. The buried macrocell can also be
configured as an input register or latch.
The I/O Cell
The I/O cell in the MACH211SP consists of a three-state output buffer. The three-state buffer can
be configured in one of three ways: always enabled, always disabled, or controlled by a product
term. If product term control is chosen, one of two product terms may be used to provide the
control. The two product terms that are available are common to all I/O cells in a PAL block.
These choices make it possible to use the macrocell as an output, an input, a bidirectional pin, or
a three-state output for use in driving a bus.
SpeedLocking for Guaranteed Fixed Timing
The unique MACH 1 & 2 architecture is designed for high performance—a metric that is met in
both raw speed, but even more importantly, guaranteed fixed speed. Using the design of the
central switch matrix, the MACH211SP product offers the SpeedLocking feature, which allows a
stable fixed pin-to-pin delay, independent of logic paths, routing resources and design refits for
up to 16 product terms per output. Other non-Vantis CPLDs incur serious timing delays as product
terms expand beyond their typical 4 or 5 product-term limits. Speed and SpeedLocking combine
for continuous, high performance required in today's demanding designs.
In-System Programming
Programming is the process where MACH devices are loaded with a pattern defined in a JEDEC
file obtained from MACHXL software or third-party software. Programming is accomplished
through four JTAG pins: Test Mode Select (TMS), Test Clock (TCK), Test Data In (TDI), and Test
Data Out (TDO). The MACH211SP can be deployed in any JTAG (IEEE 1149.1) compliant chain.
While the MACH211SP is fully JTAG compatible, it supports the BYPASS instruction, not the
EXTEST and SAMPLE/PRELOAD instructions. The MACH211SP can be programmed across the
commercial temperature range. Programming the MACH device after it has been placed on a circuit
board is easily accomplished. Programming is initiated by placing the device into programming
mode, using the MACHPRO programming software provided by Vantis. The device is bulk erased
and the JEDEC file is then loaded. After the data is transferred into the device, the PROGRAM
instruction is loaded.


Similar Part No. - MACH211SP-10VC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH211SP-10VC AMD-MACH211SP-10VC Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH211SP-10VC LATTICE-MACH211SP-10VC Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
More results

Similar Description - MACH211SP-10VC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
MACH1 LATTICE-MACH1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
Lattice Semiconductor
ISPMACH4ACPLDFAMILY LATTICE-ISPMACH4ACPLDFAMILY Datasheet
1Mb / 62P
   High Performance E 2 CMOS In-System Programmable Logic
MACH4 LATTICE-MACH4 Datasheet
720Kb / 46P
   High Performance E 2 CMOS In-System Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com