Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1630TEMS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1630TEMS
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630TEMS Datasheet(HTML) 1 Page - Microchip Technology

  MCP1630TEMS Datasheet HTML 1Page - Microchip Technology MCP1630TEMS Datasheet HTML 2Page - Microchip Technology MCP1630TEMS Datasheet HTML 3Page - Microchip Technology MCP1630TEMS Datasheet HTML 4Page - Microchip Technology MCP1630TEMS Datasheet HTML 5Page - Microchip Technology MCP1630TEMS Datasheet HTML 6Page - Microchip Technology MCP1630TEMS Datasheet HTML 7Page - Microchip Technology MCP1630TEMS Datasheet HTML 8Page - Microchip Technology MCP1630TEMS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2004 Microchip Technology Inc.
DS21896A-page 1
MCP1630
Features
• High-Speed PWM Operation (12 ns Current
Sense to Output Delay)
• Operating Temperature Range: -40°C to +125°C
• Precise Peak Current Limit (±5%)
• CMOS Output Driver (Drives MOSFET Driver or
Low-Side N-channel MOSFET Directly)
• External Oscillator Input (from PICmicro®
Microcontroller)
• External Voltage Reference Input (for adjustable
voltage or current output application)
• Peak Current Mode Operation to 1 MHz
• Low Operating Current: 2.8 mA, typical
• Fast Output Rise and Fall Times (5.9 ns and
6.2 ns)
• Undervoltage Lockout
• Output Short Circuit Protection
• Overtemperature Protection
Applications
• Intelligent Power Systems
• Smart Battery Charger Applications
• Multiple Output/Multiple Phase Converters
• Output Voltage Calibration
• AC Power Factor Correction
• VID Capability (Programmed and calibrated by
PICmicro Microcontroller)
• Buck/Boost/Buck-Boost/SEPIC/Flyback/Isolated
Converters
• Parallel Power Supplies
Description
The MCP1630 is a high-speed Pulse Width Modulator
(PWM) used to develop intelligent power systems.
When used with a microcontroller, the MCP1630 will
control the power system duty cycle to provide output
voltage or current regulation. The microcontroller can
be used to adjust output voltage or current, switching
frequency, maximum duty cycle and other features
making the power system more intelligent and
adaptable.
Typical applications include smart battery chargers,
intelligent power systems, brick DC/DC converters, AC
power-factor correction, multiple output power supplies,
multi-phase power supplies and more.
The MCP1630 inputs were developed to be easily
attached to the I/O of a microcontroller. The microcon-
troller supplies the oscillator and reference to the
MCP1630 to provide the most flexible and adaptable
power system. The power system switching frequency
and maximum duty cycle are set using the I/O of the
microcontroller. The reference input can be external, a
D/A converter output or as simple as an I/O output from
the microcontroller. This enables the power system to
adapt to many external signals and variables in order to
optimize performance and facilitate calibration.
When operating in current mode, a precise limit is set on
the peak current. With the fast comparator speed (typi-
cally 12 ns), the MCP1630 is capable of providing a
tight limit on the maximum switch current over a wide
input voltage range when compared to other high-speed
PWM controllers.
Additional protection features include: undervoltage
lockout, overtemperature and overcurrent.
Package Type
MCP1630
1
2
3
4
8
7
6
5
COMP
FB
CS
OSC IN
VREF
VIN
VEXT
GND
8-Pin MSOP
High-Speed, Microcontroller-Adaptable,
Pulse Width Modulator


Similar Part No. - MCP1630TEMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630T-E/MC MICROCHIP-MCP1630T-E/MC Datasheet
353Kb / 26P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630T-E/MS MICROCHIP-MCP1630T-E/MS Datasheet
353Kb / 26P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
More results

Similar Description - MCP1630TEMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
MCP1630 MICROCHIP-MCP1630_05 Datasheet
353Kb / 26P
   High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
AD9560 AD-AD9560 Datasheet
424Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com