Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28C256-20KA1T Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28C256-20KA1T
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256-20KA1T Datasheet(HTML) 3 Page - STMicroelectronics

  M28C256-20KA1T Datasheet HTML 1Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 2Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 3Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 4Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 5Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 6Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 7Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 8Page - STMicroelectronics M28C256-20KA1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
(2)
–40 to 85
°C
TSTG
Storage Temperature Range
– 65 to 150
°C
VCC
Supply Voltage
– 0.3 to 6.5
V
VIO
Input/Output Voltage
– 0.3 to VCC +0.6
V
VI
Input Voltage
– 0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(3)
4000
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other
relevant quality documents.
2. Depends on range.
3. 100pF through 1500
Ω; MIL-STD-883C, 3015.7
Table 2. Absolute Maximum Ratings (1)
AI01697
ADDRESS
LATCH
A6-A14
(Page Address)
CONTROL LOGIC
256K ARRAY
ADDRESS
LATCH
A0-A5
Y DECODE
VPP GEN
RESET
SENSE AND DATA LATCH
I/O BUFFERS
EG
W
PAGE LOAD
TIMER STATUS
TOGGLE BIT
DATA POLLING
DQ0-DQ7
Figure 3. Block Diagram
3/21
M28256


Similar Part No. - M28C256-20KA1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1T STMICROELECTRONICS-M28C16-120K1T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1TR STMICROELECTRONICS-M28C16-120K1TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28C16-120K6T STMICROELECTRONICS-M28C16-120K6T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K6TR STMICROELECTRONICS-M28C16-120K6TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
More results

Similar Description - M28C256-20KA1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
   256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com