Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH211SP-7JC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MACH211SP-7JC
Description  High-Performance EE CMOS In-System Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MACH211SP-7JC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MACH211SP-7JC Datasheet HTML 1Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 2Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 3Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 4Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 5Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 6Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 7Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 8Page - List of Unclassifed Manufacturers MACH211SP-7JC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
MACH211SP-7/10/12/15
V
ANTIS
providing a high degree of connectivity between the fully-connected PAL blocks. This allows
designs to be placed and routed efficiently.
The MACH211SP has two kinds of macrocell: output and buried. The MACH211SP output
macrocell provides registered, latched, or combinatorial outputs with programmable polarity. If a
registered configuration is chosen, the register can be configured as D-type or T-type to help
reduce the number of product terms. The register type decision can be made by the designer or
by the software. All output macrocells can be connected to an I/O cell. If a buried macrocell is
desired, the internal feedback path from the macrocell can be used, which frees up the I/O pin
for use as an input.
The MACH211SP has dedicated buried macrocells which, in addition to the capabilities of the
output macrocell, also provide input registers or latches for use in synchronizing signals and
reducing setup time requirements.
The MACH211SP is an enhanced version of the MACH211, adding the JTAG-compatible in-system
programming feature.
Vantis offers software design support for MACH devices through its own development system and
device fitters integrated into third-party CAE tools. Platform support extends across PCs, Sun and
HP workstations under advanced operating systems such as Windows 3.1, Windows 95 and NT,
SunOS and Solaris, and HPUX.
MACHXL® software is a complete development system for the PC, supporting Vantis' MACH
devices. It supports design entry with Boolean and behavioral syntax, state machine syntax and
truth tables. Functional simulation and static timing analysis are also included in this easy-to-use
system. This development system includes high-performance device fitters for all MACH devices.
The same fitter technology included in MACHXL software is seamlessly incorporated into third-party
tools from leading CAE vendors such as Synario, Viewlogic, Mentor Graphics, Cadence and MINC.
Interface kits and MACHXL configurations are also available to support design entry and verification
with other leading vendors such as Synopsys, Exemplar, OrCAD, Synplicity and Model Technology.
These MACHXL configurations and interfaces accept EDIF 2.0.0 netlists, generate JEDEC files for
MACH devices, and create industry-standard SDF, VITAL-compliant VHDL and Verilog output files for
design simulation.
Vantis offers in-system programming support for MACH devices through its MACHPRO® software
enabling MACH device programmability through JTAG compliant ports and easy-to-use PC
interface. Additionally, MACHPRO generated vectors work seamlessly with HP3070, GenRad and
Teradyne testers to program MACH devices or test them for connectivity.
All MACH devices are supported by industry standard programmers available from a number of
vendors. These programmer vendors include Advin Systems, BP Microsystems, Data I/O
Corporation, Hi-Lo Systems, SMS GmbH, Stag House, and System General.


Similar Part No. - MACH211SP-7JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH211SP-7JC AMD-MACH211SP-7JC Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH211SP-7JC LATTICE-MACH211SP-7JC Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
More results

Similar Description - MACH211SP-7JC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
MACH1 LATTICE-MACH1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
Lattice Semiconductor
ISPMACH4ACPLDFAMILY LATTICE-ISPMACH4ACPLDFAMILY Datasheet
1Mb / 62P
   High Performance E 2 CMOS In-System Programmable Logic
MACH4 LATTICE-MACH4 Datasheet
720Kb / 46P
   High Performance E 2 CMOS In-System Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com