Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28C256-25WBS1T Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28C256-25WBS1T
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256-25WBS1T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28C256-25WBS1T Datasheet HTML 4Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 5Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 6Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 7Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 8Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 9Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 10Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 11Page - STMicroelectronics M28C256-25WBS1T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Symbol
Parameter
Min
Max
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)5
ms
VWI
Write Inhibit Threshold
3.0
4.2
V
Note: 1. Sampled only, not 100% tested.
Table 7. Power Up Timing for M28256 (1)
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
10
µA
ILO
Output Leakage Current
0V
≤ VIN ≤ VCC
10
µA
ICC
(1)
Supply Current (CMOS inputs)
E=VIL,G = VIL, f = 5 MHz, VCC = 3.3V
15
mA
E=VIL,G = VIL, f = 5 MHz, VCC = 3.6V
15
mA
ICC2
(1)
Supply Current (Standby) CMOS
E > VCC –0.3V
20
µA
VIL
Input Low Voltage
– 0.3
0.6
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.2 VCC
V
VOH
Output High Voltage
IOH = –400
µA
0.8 VCC
V
Note: 1. All I/O’s open circuit.
Table 8. Read Mode DC Characteristics for M28256-W
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
Symbol
Parameter
Min
Max
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)10
ms
VWI
Write Inhibit Threshold
1.5
2.5
V
Note: 1. Sampled only, not 100% tested.
Table 9. Power Up Timing for M28256-W (1)
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
8/21
M28256


Similar Part No. - M28C256-25WBS1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1T STMICROELECTRONICS-M28C16-120K1T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1TR STMICROELECTRONICS-M28C16-120K1TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28C16-120K6T STMICROELECTRONICS-M28C16-120K6T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K6TR STMICROELECTRONICS-M28C16-120K6TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
More results

Similar Description - M28C256-25WBS1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
   256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com