Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH211SP-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MACH211SP-10
Description  High-Performance EE CMOS In-System Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MACH211SP-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MACH211SP-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MACH211SP-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FINAL
Publication# 20405
Rev: C
Amendment/0
Issue Date: August 1997
1
MACH 1 & 2 FAMILIES
1
COM’L: -7/10/12/15
IND: -10/12/14/18
MACH211SP-7/10/12/15
High-Performance EE CMOS
In-System Programmable Logic
DISTINCTIVE CHARACTERISTICS
x
JTAG-Compatible, 5-V in-system programming
x
44 Pins in PLCC and TQFP
x
64 Macrocells
x
7.5 ns tPD Commercial, 10 ns tPD Industrial
x
133 MHz fCNT
x
32 I/Os; 2 dedicated inputs/clocks
x
64 Flip-flops; 2 clock choices
x
4 “PALCE26V16” blocks with buried macrocells
x
Speed Locking™ for guaranteed fixed timing
x
Bus-Friendly™ Inputs and I/Os
x
Peripheral Component Interconnect (PCI) compliant (-7/-10/-12)
x
Programmable power-down mode
IN-SYSTEM PROGRAMMING
In-system programming allows the MACH211SP to be programmed while soldered onto a system
board. Programming the MACH211SP in-system yields numerous benefits at all stages of
development: prototyping, manufacturing, and in the field. Since insertion into a programmer isn’t
needed, multiple handling steps and the resulting bent leads are eliminated. The design can be
modified in-system for design changes and debugging while prototyping, programming boards in
production, and field upgrades.
The MACH211SP offers advantages with in-system programming. MACH® devices have
extensive routing resources for pin-out retention; design changes resulting in pin-out changes
for many non-Vantis CPLDs cancel the advantages of in-system programming. The MACH211SP
can be deployed in any JTAG (IEEE 1149.1) compliant chain.
GENERAL DESCRIPTION
The MACH211SP is a member of Vantis’ high-performance EE CMOS MACH 1 & 2 families. This
device has approximately six times the logic macrocell capability of the popular PALCE22V10
without loss of speed.
The MACH211SP consists of four PAL® blocks interconnected by a programmable switch matrix.
The four PAL blocks are essentially “PALCE26V16” structures complete with product-term arrays
and programmable macrocells, which can be programmed as high speed or low power, and buried
macrocells. The switch matrix connects the PAL blocks to each other and to all input pins,


Similar Part No. - MACH211SP-10

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH211SP-10 AMD-MACH211SP-10 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
MACH211SP-10JC AMD-MACH211SP-10JC Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH211SP-10JC LATTICE-MACH211SP-10JC Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
MACH211SP-10JI LATTICE-MACH211SP-10JI Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-10VC AMD-MACH211SP-10VC Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH211SP-10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
MACH1 LATTICE-MACH1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
Lattice Semiconductor
ISPMACH4ACPLDFAMILY LATTICE-ISPMACH4ACPLDFAMILY Datasheet
1Mb / 62P
   High Performance E 2 CMOS In-System Programmable Logic
MACH4 LATTICE-MACH4 Datasheet
720Kb / 46P
   High Performance E 2 CMOS In-System Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com