Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M11B11664A-30T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M11B11664A-30T
Description  64 K x 16 DRAM EDO PAGE MODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M11B11664A-30T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M11B11664A-30T Datasheet HTML 1Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 2Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 3Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 4Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 5Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 6Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 7Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 8Page - List of Unclassifed Manufacturers M11B11664A-30T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
(OLWH07
M11B11664A
Elite Memory Technology Inc
Publication Date : Dec. 2000
Revision : 1.3
5/15
(Continued)
-25
-30
-35
-40
UNIT
Notes
PARAMETER
SYMBOL
MIN MAX MIN MAX MIN MAX MIN MAX
Read Command Setup Time
tRCS
0
0
0
0
ns
15,18
Read Command Hold Time Reference to CAS
tRCH
0
000
ns
9,15,19
Read Command Hold Time Reference to RAS
tRRH
0
000
ns
9
CAS
to Output in Low-Z
tCLZ
3
3
3
3
ns
20
Output Buffer Turn-off Delay From CAS or RAS
tOFF1
315
315
3
15
3
15
ns
10,17,20
Output Buffer Turn-off to OE
tOFF2
6
8
8
8
ns
17,26
Write Command Setup Time
tWCS
0
0
0
0
ns
11,15,18
Write Command Hold Time
tWCH
5
5
5
5
ns
15,25
Write Command Hold Time(Reference to RAS )
tWCR
22
26
30
34
ns
15
Write Command Pulse Width
tWP
5
5
5
5
ns
15
Write Command to RAS Lead Time
tRWL
7
8
9
10
ns
15
Write Command to CAS Lead Time
tCWL
5
6
7
8
ns
15,19
Data-in Setup Time
tDS
0
0
0
0
ns
12,20
Data-in Hold Time
tDH
5
5
5
5
ns
12,20
Data-in Hold Time (Reference to RAS )
tDHR
22
26
30
34
ns
RAS
to WE Delay Time
tRWD
34
46
51
56
ns
11
Column Address to WE Delay Time
tAWD
21
31
34
36
ns
11
CAS
to WE Delay Time
tCWD
17
25
26
27
ns
11,18
Transition Time (rise or fall)
tT
1.5
50
1.5
50
2.5
50
2.5
50
ns
2,3
Refresh Period (256 cycles)
tREF
4
44
4
ms
RAS
to CAS Precharge Time
tRPC
10
10
10
10
ns
CAS
Setup Time(CBR REFRESH)
tCSR
5
10
10
10
ns
1,18
CAS
Hold Time(CBR REFRESH)
tCHR
7
10
10
10
ns
1,19
OE
Hold Time From WE During Read-Mode-
Write Cycle
tOEH
4
4
4
5
ns
16
OE
Low to CAS High Setup Time
tOES
4
445
ns
OE
High Hold Time From CAS High
tOEHC
2
222
ns
OE
Precharge Time
tOEP
2
222
ns
OE
Setup Prior to RAS During Hidden Refresh
Cycle
tORD
0
000
ns
Last CAS Going Low to First CAS Returning
High
tCLCH
4
5
5
6
ns
21
Data Output Hold After CAS Returning Low
tCOH
3
333
ns
Output Disable Delay From WE
tWHZ
37
3
737
37
ns
Read Setup Time Reference to RAS in CBR
tRSR
5
555
ns
Read Hold Time Reference to RAS in CBR
tRHR
5
555
ns


Similar Part No. - M11B11664A-30T

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-25J ESMT-M11B416256A-25J Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-25T ESMT-M11B416256A-25T Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-28J ESMT-M11B416256A-28J Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-28T ESMT-M11B416256A-28T Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
More results

Similar Description - M11B11664A-30T

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
logo
OKI electronic componet...
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
logo
Integrated Silicon Solu...
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Sanyo Semicon Device
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com