Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F512-70SIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29F512-70SIP
Description  512 Kbit (64K x 8-bit) 5V Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F512-70SIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29F512-70SIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F512-70SIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29F512
Rev. A, Issue Date: 2003/10/20
FEATURES
• 5.0V operation for read/write/erase
operations
• Fast Read Access Time
- 45ns, 55ns, 70ns, and 90ns
• Sector Architecture:
- 4 uniform sectors of 16Kbytes each
- Supports full chip erase
- Individual sector erase supported
- Sector protection:
Hardware locking of sectors to prevent
program or erase operations within
individual sectors
• High performance program/erase speed
- Byte program time: 7µs typical
- Sector erase time: 300ms typical
- Chip erase time: 1.5s typical
• Low Standby Current
- 1µA CMOS standby current-typical
- 1mA TTL standby current
• Low Power Active Current
- 12mA typical active read current
- 30mA program/erase current
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle
bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read and program another Sector during
Erase Suspend Mode
• 0.23 µm triple-metal double-poly
triple-well CMOS Flash Technology
• Low Vcc write inhibit < 3.2V
• 100K endurance cycle
• Package Options
- 32-pin PDIP
- 32-pin PLCC
- 32-pin 8mm x 20mm TSOP (Type 1)
- 32-pin 8mm x 14mm TSOP (Type 1)
• Commercial and Industrial Temperature
Ranges
GENERAL DESCRIPTION
The EN29F512 is a 512-Kbit, electrically erasable, read/write non-volatile flash memory. Organized
into 64K bytes with 8 bits per byte, the 512K of memory is arranged in four uniform sectors of
16Kbytes each. Any byte can be programmed typically in 7µs. The EN29F512 features 5.0V
voltage read and write operation, with access times as fast as 45ns to eliminate the need for WAIT
states in high-performance microprocessor systems.
The EN29F512 has separate Output Enable ( OE ), Chip Enable ( CE ), and Write Enable ( WE )
controls, which eliminate bus contention issues. This device is designed to allow either single
Sector or full chip erase operation, where each Sector can be individually protected against
program/erase operations or temporarily unprotected to erase or program. The device can sustain a
minimum of 100K program/erase cycles on each Sector.
EN29F512
512 Kbit (64K x 8-bit) 5V Flash Memory


Similar Part No. - EN29F512-70SIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F512-70SIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com