Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M11B11664A-25T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M11B11664A-25T
Description  64 K x 16 DRAM EDO PAGE MODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M11B11664A-25T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M11B11664A-25T Datasheet HTML 2Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 3Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 4Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 5Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 6Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 7Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 8Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 9Page - List of Unclassifed Manufacturers M11B11664A-25T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(OLWH07
M11B11664A
Elite Memory Technology Inc
Publication Date : Dec. 2000
Revision : 1.3
6/15
Notes :
1.
Enables on-chip refresh and address counters.
2.
VIH(min) and VIL(max) are reference levels for
measuring timing of input signals. Transition times
are measured between VIH and VIL.
3.
In addition to meet the transition rate specification, all
input signals must transit between VIH and VIL in a
monotonic manner.
4.
Assume that tRCD < tRCD(max). If tRCD is greater than
the maximum recommended value shown in this
table, tRAC will increase by the amount that tRCD
exceeds the value shown.
5.
Assume that tRCD
≥ tRCD (max)
6.
If CAS is low at the falling edge of RAS , data-out
will be maintained from the previous cycle. To initiate
a new cycle and clear the data-out buffer, CAS and
RAS
must be pulsed high.
7.
Operation within the tRCD limit ensures that tRCD (max)
can be met, tRCD (max) is specified as a reference
point only ; if tRCD is greater than the specified tRCD
(max) limit, access time is controlled by tCAC.
8.
Operation within the tRAD limit ensures that tRAD(max)
can be met. tRAD(max) is specified as a reference
point only ; if tRAD is greater than the specified tRAD
(max) limit, access time is controlled by tAA.
9.
Either tRCH or tRRH must be satisfied for a READ cycle.
10.
tOFF1(max) defines the time at which the output
achieves the open circuit condition ; it is not a
reference to VOH or VOL.
11.
tWCS, tRWD, tAWD and tCWD are restrictive operating
parameters in LATE WRITE and READ-MODIFY-
WRITE cycle only. If tWCS
≥ tWCS(min) , the cycle is an
EARLY WRITE cycle and the data output will remain
an open circuit throughout the entire cycle. If tRWD
≥ tRWD(min) , tAWD tAWD(min) and tCWD ≥ tCWD(min) , the
cycle is READ-WRITE and the data output will
contain data read from the selected cell. If neither of
the above conditions is met, the state of I/O (at
access time and until CAS and RAS or OE go
back to VIH ) is indeterminate. OE held high and WE
taken low after CAS goes low result in a LATE
WRITE ( OE -controlled) cycle.
12. Those parameters are referenced to CAS leading
edge in EARLY WRITE cycles and WE leading edge
in LATE WRITE or READ-MODIFY- WRITE cycles.
13. During a READ cycle, if OE is low then taken HIGH
before CAS goes high, I/O goes open, if OE is tied
permanently low, a LATE WRITE or READ-MODIFY-
WRITE operation is not possible.
14. An initial pause of 200
µ s is required after power-up
followed by eight RAS refresh cycles ( RAS only or
CBR) before proper device operation is assured. The
eight RAS cycle wake-ups should be repeated any
time the tREF refresh requirement is exceeded.
15. WRITE command is defined as WE going low.
16. LATE WRITE and READ-MODIFY-WRITE cycles must
have both tOFF2 and tOEH met ( OE
high during
WRITE cycle) in order to ensure that the output buffers
will be open during the WRITE cycles.
17. The I/Os open during READ cycles once tOFF1 or tOFF2
occur.
18. Referenced to the earlier CAS falling edge.
19. Referenced to the latter CAS rising edge.
20. Output parameter (I/O) is referenced to corresponding
CAS
input, IO0~7 by CASL and IO8~15 by CASH .
21. Last falling CAS edge to first rising CAS edge.
22. Last rising CAS edge to next cycle’s last rising CAS
edge.
23. Last rising CAS edge to first falling CAS edge.
24. Each CAS must meet minimum pulse width.
25. Referenced to the latter CAS failing edge.
26. All IOs controlled by OE , regardless CASL and
CASH
.


Similar Part No. - M11B11664A-25T

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-25J ESMT-M11B416256A-25J Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-25T ESMT-M11B416256A-25T Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-28J ESMT-M11B416256A-28J Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-28T ESMT-M11B416256A-28T Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
More results

Similar Description - M11B11664A-25T

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
logo
OKI electronic componet...
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
logo
Integrated Silicon Solu...
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Sanyo Semicon Device
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com