Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1541T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1541T
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1541T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1541T Datasheet HTML 1Page - KEC(Korea Electronics) KTA1541T Datasheet HTML 2Page - KEC(Korea Electronics) KTA1541T Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 6. 30
2/3
KTA1541T
Revision No : 0
V
- I
C
COLLECTOR CURRENT I (A)
COLLECTOR-EMITTER VOLTAGE V
(mV)
0
CE
0
I
- V
C
CE
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0
-0.2
-0.4
-0.6
-1.0
-0.8
-1.2
-1.4
-1.8
-1.6
-2.0
CE(sat)
C
I =0mA
-2mA
-4mA
-6mA
-8mA
-10mA
-20mA
-30mA
-40mA
-50mA
B
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
V
- I
C
COLLECTOR CURRENT I (A)
CE(sat)
C
-0.01
-0.03
-0.05
-0.1
-0.3
-1
-0.5
-0.01
-0.03
-0.1
-1
-3
-0.3
Ta=7
5 C
I /I =20
CB
I /I =50
CB
I /I =50
CB
Ta=25
C
Ta=-25
C
10
30
50
100
300
1K
500
-0.01
-0.03
-0.1
-1
-3
-0.3
Ta=-25 C
V
=-2V
CE
V
=-2V
CE
Ta=25 C
Ta=75 C
V
- I
C
COLLECTOR CURRENT I (A)
BE(sat)
C
-0.1
-0.3
-0.5
-1
-3
-10
-5
-0.01
-0.03
-0.1
-1
-3
-0.3
Ta=-25 C
Ta=75 C
Ta=25 C
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
-0.01
-0.03
-0.1
-1
-3
-0.3
Ta=75
C
Ta=25
C
Ta=-
25 C
-0.01
-2
-0.03
-0.05
-0.1
-0.3
-0.5
-1


Similar Part No. - KTA1541T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1542T KEC-KTA1542T Datasheet
89Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1542T KEC-KTA1542T Datasheet
425Kb / 1P
   TSM PACKAGE
KTA1542T KEC-KTA1542T_07 Datasheet
425Kb / 1P
   TSM PACKAGE
KTA1543T KEC-KTA1543T Datasheet
100Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1544T KEC-KTA1544T Datasheet
83Kb / 3P
   RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS AND STROBES APPLICATION.
More results

Similar Description - KTA1541T

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com