Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM29U64000T Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM29U64000T
Description  8M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM29U64000T Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KM29U64000T Datasheet HTML 3Page - Samsung semiconductor KM29U64000T Datasheet HTML 4Page - Samsung semiconductor KM29U64000T Datasheet HTML 5Page - Samsung semiconductor KM29U64000T Datasheet HTML 6Page - Samsung semiconductor KM29U64000T Datasheet HTML 7Page - Samsung semiconductor KM29U64000T Datasheet HTML 8Page - Samsung semiconductor KM29U64000T Datasheet HTML 9Page - Samsung semiconductor KM29U64000T Datasheet HTML 10Page - Samsung semiconductor KM29U64000T Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
KM29U64000T, KM29U64000IT
FLASH MEMORY
7
MODE SELECTION
NOTE : 1. X can be VIL or VIH.
2. WP should be biased to CMOS high or CMOS low for standby.
3. When SE is high, spare area is deselected.
CLE
ALE
CE
WE
RE
SE
WP
Mode
H
L
L
H
X
X
Read Mode
Command Input
L
H
L
H
X
X
Address Input(3clock)
H
L
L
H
X
H
Write Mode
Command Input
L
H
L
H
X
H
Address Input(3clock)
L
L
L
H
L/H(3)
H
Data Input
L
L
L
H
L/H(3)
X
Sequential Read & Data Output
L
L
L
H
H
L/H(3)
X
During Read(Busy)
X
X
X
X
X
L/H(3)
H
During Program(Busy)
X
X
X
X
X
X
H
During Erase(Busy)
X
X(1)
X
X
X
X
L
Write Protect
X
X
H
X
X
0V/VCC(2) 0V/VCC(2) Stand-by
CAPACITANCE(TA=25
°C, VCC=3.3V, f=1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
10
pF
Input Capacitance
CIN
VIN=0V
-
10
pF
VALID BLOCK
NOTE :
1. The KM29U64000 may include invalid blocks. Invalid blocks are defined as blocks that contain one or more bad bits. Do not try to access these invalid
blocks for program and erase. During its lifetime of 10 years and/or 1million program/erase cycles,the minimum number of valid blocks are guaran-
teed though its initial number could be reduced. (Refer to the attached technical notes)
2. The 1st block, which is placed on 00h block address, is guaranteed to be a valid block
Parameter
Symbol
Min
Typ.
Max
Unit
Valid Block Number
NVB
1014
1020
1024
Blocks
Program/Erase Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Program Time
tPROG
-
200
1000
µs
Number of Partial Program Cycles in the Same Page
Nop
-
-
10
cycles
Block Erase Time
tBERS
-
2
4
ms
AC TEST CONDITION
(KM29U64000T:TA=0 to 70
°C, KM29U64000IT:TA=-40 to 85°C, VCC=2.7V~3.6V unless otherwise noted)
Parameter
Value
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
0.8V and 2.0V
Output Load (3.0V +/-10%)
1 TTL GATE and CL = 50pF
Output Load (3.3V +/-10%)
1 TTL GATE and CL = 100pF


Similar Part No. - KM29U64000T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29U128IT SAMSUNG-KM29U128IT Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results

Similar Description - KM29U64000T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F6408U0M-TCB0 SAMSUNG-K9F6408U0M-TCB0 Datasheet
480Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29V64001T SAMSUNG-KM29V64001T Datasheet
1Mb / 24P
   8M X 8 BIT NAND FLASH MEMORY
KM29V64001TS SAMSUNG-KM29V64001TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLASH MEMORY
K9F6408U0C SAMSUNG-K9F6408U0C Datasheet
784Kb / 30P
   8M x 8 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
KM29V64000TS SAMSUNG-KM29V64000TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLSH MEMORY
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com