Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62C1024L-70Q Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC62C1024L-70Q
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024L-70Q Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

  IC62C1024L-70Q Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024L-70Q Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024L-70Q Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024L-70Q Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024L-70Q Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024L-70Q Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024L-70Q Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024L-70Q Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Integrated Circuit Solution Inc.
ALSR006-0A
IC62C1024L
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range, Standard and Low
Power)
-35
-45
-55
-70
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time
35
—
45
—
55
—
70
—
ns
tSCE
CE1 to Write End
25
—
35
—
50
—
60
—
ns
tSCE
CE2 to Write End
25
—
35
—
50
—
60
—
ns
tAW
Address Setup Time to Write End
25
—
35
—
45
—
60
—
ns
tHA
Address Hold from Write End
0
—
0
—
0
—
0
—
ns
tSA
Address Setup Time
0
—
0
—
0
—
0
—
ns
tPWE" WE Pulse Width
25
—
35
—
40
—
50
—
ns
tSD
Data Setup to Write End
20
—
25
—
25
—
30
—
ns
tHD
Data Hold from Write End
0
—
0
—
0
—
0
—
ns
tHZWE  WE LOW to High-Z Output
—
10
—
15
—
20
—
25
ns
tLZWE  WE HIGH to Low-Z Output
3
—
5
—
5
—
5
—
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in .igure 1a.
2. Tested with the load in .igure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the Write.
4. Tested with OE HIGH.
DATA-IN VALID
DATA UNDEFINED
tWC
tSCE1
tSCE2
tAW
tHA
tPWE(4)
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CE1
CE2
WE
DOUT
DIN
AC WAVE.ORMS
WRITE CYCLE NO. 1 (9-
9-
9-
9-
9- Controlled)(1,2)


Similar Part No. - IC62C1024L-70Q

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C1024L-70Q

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com