Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN28F101TD-20 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HN28F101TD-20
Description  131072-word x 8-bit CMOS Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HN28F101TD-20 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HN28F101TD-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 3Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 4Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 5Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 6Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 7Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 8Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 9Page - List of Unclassifed Manufacturers HN28F101TD-20 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Command Address and Data Input
First cycle
Second cycle
———————————————
———————————————
The number Operation Address*2 Data*3
Operation Address*2 Data*3
Command
of cycle
mode*1
mode*1
———————————————————————————————————————————————–
Read (memory)*4
1
Write
X
00H
Read
RA
Dout
———————————————————————————————————————————————–
Read identified codes
2
Write
X
90H
Read
IA
ID
———————————————————————————————————————————————–
Setup erase/erase*5
2
Write
X
20H
Write
X
20H
———————————————————————————————————————————————–
Erase verify*5
2
Write
EA
A0H
Read
X
EVD
———————————————————————————————————————————————–
Setup auto erase/
2
Write
X
30H
Write
X
30H
auto erase*6
———————————————————————————————————————————————–
Setup program/
2
Write
X
40H
Write
PA
PD
program*7
———————————————————————————————————————————————–
Program verify*7
2
Write
X
C0H
Read
X
PVD
———————————————————————————————————————————————–
Reset
2
Write
X
FFH
Write
X
FFH
———————————————————————————————————————————————–
Notes: 1. Refer to command program mode in mode selection about operation mode.
2. Refer to device identifier mode. IA = Identifier address, PA = Programming address, EA = Erase
verify address, RA = Read address
3. Refer to device identifier mode. PA are latched by programming command. ID = Identifier
output code, PD = Programming data, PVD = Programming verify output data, EVD = Erase
verify output data
4. Command latch default value when applying 12 V to VPP is “00H”. Device is in read mode after
VPP is set 12 V (before other command is input).
5. All data in chip are erased. Erase data according to fast high-reliability erase flowchart.
6. All data in chip are erased. Data are erased automatically by internal logic circuit. External
erase verify is not required. Erasure completion must be verified by status polling after
automatic erase starts.
7. Program data according to fast high-reliability programming flowchart.
6
HN28F101 Series
HN28F101 Series


Similar Part No. - HN28F101TD-20

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HN28-3-A++ SLPOWER-HN28-3-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HN28-3-A+G SLPOWER-HN28-3-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HN28-3-AG POWER-ONE-HN28-3-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - HN28F101TD-20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com