Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S16400-7T Datasheet(PDF) 27 Page - Integrated Circuit Solution Inc

Part # IC42S16400-7T
Description  1M x 16Bit x 4 Banks (64-MBIT) SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16400-7T Datasheet(HTML) 27 Page - Integrated Circuit Solution Inc

Back Button IC42S16400-7T Datasheet HTML 23Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 24Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 25Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 26Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 27Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 28Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 29Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 30Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 31Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
IC42S16400
Integrated Circuit Solution Inc.
27
DR034-0E 12/02/2003
Precharge Termination in WRITE Cycle
During WRITE cycle, the burst write operation is terminated by a precharge command.
When the precharge command is issued, the burst write operation is terminated and precharge starts.
The same bank can be activated again after tRP from the precharge command. The DQM must be high to mask
invalid data in.
During WRITE cycle, the write data written prior to the precharge command will be correctly stored. However, invalid
data may be written at the same clock as the precharge command. To prevent this from happening, DQM must be high
at the same clock as the precharge command. This will mask the invalid data.
PRECHARGE TERMINATION in WRITE Cycle
Burst lengh = X
CLK
Command
CAS latency = 2
DQM
Hi - Z
Write
T0
T1
T2
T3
T4
T5
T6
T7
T8
tRP
PRE
ACT
DQ
Write
PRE
ACT
tRP
CAS latency = 3
Hi - Z
D0
D3
D2
D1
D0
D3
D2
D1
DQM
D4
D4
command
DQ


Similar Part No. - IC42S16400-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6BG ICSI-IC42S16400A-6BG Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6BIG ICSI-IC42S16400A-6BIG Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6T ICSI-IC42S16400A-6T Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6TG ICSI-IC42S16400A-6TG Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results

Similar Description - IC42S16400-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Integrated Circuit Solu...
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com