Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S16400-7T Datasheet(PDF) 13 Page - Integrated Circuit Solution Inc

Part # IC42S16400-7T
Description  1M x 16Bit x 4 Banks (64-MBIT) SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16400-7T Datasheet(HTML) 13 Page - Integrated Circuit Solution Inc

Back Button IC42S16400-7T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 12Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 13Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 14Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 15Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 16Page - Integrated Circuit Solution Inc IC42S16400-7T Datasheet HTML 17Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
IC42S16400
Integrated Circuit Solution Inc.
13
DR034-0E 12/02/2003
OPERATION COMMAND TABLE(continue)
Current State Command
Operation
CS
CS
CS
CS
CS
RAS
RAS
RAS
RAS
RAS
CAS
CAS
CAS
CAS
CAS
WE
WE
WE
WE
WE
Address
Write
DESL
Nop -> Enter precharge after tDPL
HX
X
X
X
recovering
NOP
Nop -> Enter precharge after tDPL
L
HHH
X
with auto
BST
Nop -> Enter precharge after tDPL
LH
H
L
X
precharge
READ/READA
Illegal(3 ,8, 11)
LH
LH
BA, CA, A10
WRIT/WRITA
Illegal(3,11)
LH
L
L
BA, CA, A10
ACT
Illegal(3, 11)
LL
H
H
BR, RA
PRE/PALL
Illegal(3, 11)
LL
H
L
BA, A10
REF/SELF
Illegal
L
L
L
H
X
MRS
Illegal
LLLL
Op-Code
Auto
DESL
Nop Enter idle after tRC
H
XXX
X
Refreshing
NOP/BST
Nop Enter idle after tRC
LH
H
X
X
READ/WRIT
Illegal
L
H
L
X
X
ACT/PRE/PALL
Illegal
L
L
H
X
X
REF/SELF/MRS
Illegal
L
L
L
X
X
Mode
DESL
Nop -> Enter idle after 2 Clocks
H
XXX
X
register
NOP
Nop -> Enter idle after 2 Clocks
L
HHH
X
setting
BST
Illegal
L
H
H
L
X
READ/WRIT
Illegal
L
H
L
X
X
ACT/PRE/PALL/
Illegal
L
L
X
X
X
REF/SELF/MRS
Notes:
1. All entries assume that CKE was active (High level) during the preceding clock cycle.
2. If both banks are idle, and CKE is inactive (Low level), the device will enter Power downmode. All input buffers except CKE
will be disabled.
3. Illegal to bank in specified states; Function may be legal in the bank indicated by Bank Address(BA), depending on the
state of that bank.
4. If both banks are idle, and CKE is inactive (Low level), the device will enter Self refresh mode. All input buffers except CKE
will be disabled.
5. Illegal if tRCD is not satisfied.
6. Illegal if tRAS is not satisfied.
7. Must satisfy burst interrupt condition.
8. Must satisfy bus contention, bus turn around, and/or write recovery requirements.
9. Must mask preceding data which don’t satisfy tDPL .
10. Illegal if tRRD is not satisfied.
11. Illegal for single bank, but legal for other banks in multi-bank devices.


Similar Part No. - IC42S16400-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6BG ICSI-IC42S16400A-6BG Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6BIG ICSI-IC42S16400A-6BIG Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6T ICSI-IC42S16400A-6T Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A-6TG ICSI-IC42S16400A-6TG Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results

Similar Description - IC42S16400-7T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Integrated Circuit Solu...
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com