Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2852-TR2 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMS-2852-TR2
Description  Surface Mount Zero Bias Schottky Detector Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2852-TR2 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSMS-2852-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMS-2852-TR2 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Such a circuit can easily be
realized using the two series di-
odes in the HSMS-285C.
Flicker Noise
Reference to Figure 5 will show
that there is a junction of metal,
silicon, and passivation around
the rim of the Schottky contact. It
is in this three-way junction that
flicker noise[5] is generated. This
noise can severely reduce the
sensitivity of a crystal video
receiver utilizing a Schottky
detector circuit if the video
frequency is below the noise
corner. Flicker noise can be
substantially reduced by the
elimination of passivation, but
such diodes cannot be mounted in
non-hermetic packages. p-type
silicon Schottky diodes have the
least flicker noise at a given value
of external bias (compared to
n-type silicon or GaAs). At zero
bias, such diodes can have
extremely low values of flicker
noise. For the HSMS-285x series,
the noise temperature ratio is
given in Figure 14.
FREQUENCY (Hz)
15
10
5
0
-5
10
100
1000
10000
100000
Figure 14. Typical Noise Temperature
Ratio.
Noise temperature ratio is the
quotient of the diode’s noise
power (expressed in dBV/Hz) di-
vided by the noise power of an
ideal resistor of resistance R = RV.
For an ideal resistor R, at 300
°K,
the noise voltage can be com-
puted from
v = 1.287 X 10-10
√R volts/Hz
which can be expressed as
20 log10 v dBV/Hz
Thus, for a diode with RV = 9 K
Ω,
the noise voltage is 12.2 nV/Hz or
-158 dBV/Hz. On the graph of
Figure 14, -158 dBV/Hz would
replace the zero on the vertical
scale to convert the chart to one
of absolute noise voltage vs.
frequency.
Diode Burnout
Any Schottky junction, be it an RF
diode or the gate of a MESFET, is
relatively delicate and can be
burned out with excessive RF
power. Many crystal video receiv-
ers used in RFID (tag) applica-
tions find themselves in poorly
controlled environments where
high power sources may be
present. Examples are the areas
around airport and FAA radars,
nearby ham radio operators, the
vicinity of a broadcast band trans-
mitter, etc. In such environments,
the Schottky diodes of the
receiver can be protected by a de-
vice known as a limiter diode.[6]
Formerly available only in radar
warning receivers and other high
cost electronic warfare applica-
tions, these diodes have been
adapted to commercial and
consumer circuits.
Agilent offers a complete line of
surface mountable PIN limiter
diodes. Most notably, our
HSMP-4820 (SOT-23) can act as a
very fast (nanosecond) power-
sensitive switch when placed
between the antenna and the
Schottky diode, shorting out the
RF circuit temporarily and
reflecting the excessive RF energy
back out the antenna.
Assembly Instructions
SOT-323 PCB Footprint
A recommended PCB pad layout
for the miniature SOT-323 (SC-70)
package is shown in Figure 15
(dimensions are in inches). This
layout provides ample allowance
for package placement by auto-
mated assembly equipment
without adding parasitics that
could impair the performance.
Figure 16 shows the pad layout
for the six-lead SOT-363.
0.026
0.035
0.07
0.016
Figure 15. PCB Pad Layout
(dimensions in inches).
0.026
0.075
0.016
0.035
Figure 16. PCB Pad Layout
(dimensions in inches).
[6] Agilent Application Note 1050, Low Cost, Surface Mount Power Limiters.


Similar Part No. - HSMS-2852-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2852 HP-HSMS-2852 Datasheet
153Kb / 6P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-2852 BOARDCOM-HSMS-2852 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2852 AVAGO-HSMS-2852 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
More results

Similar Description - HSMS-2852-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200 MA-COM-MA4E2200 Datasheet
104Kb / 7P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Tyco Electronics
MA4E2200 MACOM-MA4E2200 Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com