Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV803LG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV803LG
Description  High-Voltage EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV803LG Datasheet(HTML) 2 Page - Supertex, Inc

  HV803LG Datasheet HTML 1Page - Supertex, Inc HV803LG Datasheet HTML 2Page - Supertex, Inc HV803LG Datasheet HTML 3Page - Supertex, Inc HV803LG Datasheet HTML 4Page - Supertex, Inc HV803LG Datasheet HTML 5Page - Supertex, Inc HV803LG Datasheet HTML 6Page - Supertex, Inc HV803LG Datasheet HTML 7Page - Supertex, Inc HV803LG Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
15-2
Symbol
Parameter
Min
Typ
Max
Units
Conditions
R
DS(on)
On-resistance of switching transistor
3.5
8.0
I = 100mA
V
CS
Output voltage V
CS Regulation
80
90
100
V
V
IN = 2.4 to 9.5V
VA - VB
Output peak to peak voltage
160
180
200
V
VIN = 2.4V to 9.5V
I
DDQ
Quiescent V
DD supply current, disabled
2.0
µARSW-osc = GND
I
DD
Input current going into the V
DD pin
100
µAVIN = 3.0V ±5%. See Figure 1.
300
µAVIN = 5.0V ±5%. See Figure 2.
500
µAVIN = 9.0V ±5%. See Figure 3.
I
IN
Input current including inductor current
35
mA
V
IN = 3.0V. See Figure 1.
VCS
Output voltage on VCS
45
70
V
VIN = 3.0V. See Figure 1.
f
EL
V
A-B output drive frequency
300
430
Hz
V
IN = 3.0V. See Figure 1.
f
SW
Switching transistor frequency
50
90
KHz
V
IN = 3.0V. See Figure 1.
D
Switching transistor duty cycle
88
%
Electrical Characteristics
DC Characteristics (V
IN = 3.0V, RSW = 750KΩ, REL = 2.0MΩ, TA = 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Supply voltage
2.4
9.5
V
T
A
Operating temperature
-25
85
°C
Recommended Operating Conditions
R
SW resistor
HV803
V
DD
Enabled
GND
Disabled
Enable/Disable Table (See Figure 4)
HV803
– OBSOLETE


Similar Part No. - HV803LG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
HV8053 SUTEX-HV8053 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
   Off-Line High Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
HV809K2 SUTEX-HV809K2 Datasheet
325Kb / 4P
   Off-Line High Voltage EL Lamp Driver
More results

Similar Description - HV803LG

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
   High Voltage EL Lamp Driver
logo
Clare, Inc.
CPC6826 CLARE-CPC6826 Datasheet
821Kb / 12P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com