Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN28F101T-15 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HN28F101T-15
Description  131072-word x 8-bit CMOS Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HN28F101T-15 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HN28F101T-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 10Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 11Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 12Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 13Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 14Page - List of Unclassifed Manufacturers HN28F101T-15 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AC Characteristics (VCC = 5 V ± 10%, VPP = 12.0 V ± 0.6 V, Ta = 0 to +70°C)
Test condition
HN28F101-12
HN28F101-15
HN28F101-20
—————— —————— ——————
Test
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit condition
———————————————————————————————————————————————–
Command programming cycle timetCWC
120
150
200
ns
———————————————————————————————————————————————–
Address setup time
tAS
0—
0—
0—
ns
———————————————————————————————————————————————–
Address hold time
tAH
60
60
60
ns
———————————————————————————————————————————————–
Data setup time
tDS
50
50
50
ns
———————————————————————————————————————————————–
Data hold time
tDH
10
10
10
ns
———————————————————————————————————————————————–
CE setup time
tCES
0—
0—
0—
ns
———————————————————————————————————————————————–
CE hold time
tCEH
50
50
50
ns
———————————————————————————————————————————————–
VPP setup time
tVPS
100
100
100
ns
———————————————————————————————————————————————–
VPP hold time
tVPH
100
100
100
ns
———————————————————————————————————————————————–
WE programming pulse width
tWEP
70
70
80
ns
———————————————————————————————————————————————–
WE programming pulse high time
tWEH
40
40
40
ns
———————————————————————————————————————————————–
OE setup time before command
tOEWS 0—
0—
0—
ns
programming
———————————————————————————————————————————————–
OE setup time before verify
tOERS
6—
6—
6—
µs
———————————————————————————————————————————————–
Verify access time
tVA
120
150
200
ns
———————————————————————————————————————————————–
Verify access time in erase
tVAE
300
300
300
ns
———————————————————————————————————————————————–
OE setup time before status polling tOEPS
120
120
120
ns
———————————————————————————————————————————————–
Status polling access time
tSPA
120
150
200
ns
———————————————————————————————————————————————–
Standby time before programming
tPPW
25
25
25
µs
———————————————————————————————————————————————–
Standby time in erase
tET
911
9
11
911
ms
———————————————————————————————————————————————–
Output disable time*3
tDF
040
0
50
060
ns
———————————————————————————————————————————————–
Total erase time in automatic erase*3
tAET
—30
30
—30s
———————————————————————————————————————————————–
• Input pulse levels: 0.45 V/2.4 V
• Input rise and fall times: 10 ns
• Output load: 1TTL Gate + 100 pF (Including
scope and jig.)
• Reference levels
for measuring timing: 0.8 V, 2.0 V
11
HN28F101 Series
HN28F101 Series


Similar Part No. - HN28F101T-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HN28-3-A++ SLPOWER-HN28-3-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HN28-3-A+G SLPOWER-HN28-3-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HN28-3-AG POWER-ONE-HN28-3-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - HN28F101T-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com