Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F040A-55TI Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN29F040A-55TI
Description  4 Megabit (512K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F040A-55TI Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN29F040A-55TI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F040A-55TI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN29F040A
Rev. B, Issue Date: 2004/04/01
TABLE 3. OPERATING MODES
4M FLASH USER MODE TABLE
USER MODE
CE
WE
OE
A9
A8
A6
A5
A1
A0
Ax/y
DQ(0-7)
STANDBY
H
X
X
X
X
X
X
X
X
X
HI-Z
READ
L
H
L
A9
A8
A6
A5
A1
A0
Ax/y
DQ (0-7)
OUTPUT DISABLE
L
H
H
X
X
X
X
X
X
X
HI-Z
READ
MANUFACTURE ID
L
H
L
VID
L/H
L
X
L
L
X
MANUFACTURE
ID
READ DEVICE ID
L
H
L
VID
L/H
L
X
L
H
X
DEVICE ID (T/B)
VERIFY SECTOR
PROTECTION
L
H
L
VID
X
L
X
H
L
X
CODE
SECTOR
PROTECTION
L
Pulse
L
VID
VID
X
L
X
X
X
X
X
VERIFY SECTOR
UNPROTECTION
L
H
L
VID
X
H
X
H
L
X
CODE
SECTOR
UNPROTECTION
Pulse
L
VID
VID
L
X
X
H
X
X
X
X
WRITE
L
L
H
A9
A8
A6
A5
A1
A0
Ax/y
DIN (0-7)
NOTES:
1)
L = VIL, H = VIH, VID = 11.0V ± 0.5V
2)
X = Don’t care, either VIH or VIL
3)
Ax/y: Ax = Addr(x), Ay = Addr(y)
TABLE 4. DEVICE IDENTIFICTION
4M FLASH MANUFACTURER/DEVICE ID TABLE
A8
A6
A1
A0
DQ(7-0)
HEX
READ
MANUFACTURER ID
H
(1)
L
L
L
MANUFACTURER ID
1C
READ
DEVICE ID
H
(2)
L
L
H
DEVICE ID
04
NOTES:
1)
If a Manufacturing ID is read with A8 = L, the chip will output a configuration code 7Fh. A further
Manufacturing ID must be read with A8 = H.
2)
If a Device ID is read with A8 = L, the chip will output a configuration code 7Fh. A further Device ID
must be read with A8 = H.


Similar Part No. - EN29F040A-55TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45J ETC-EN29F040-45J Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45JI ETC-EN29F040-45JI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45P ETC-EN29F040-45P Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45PI ETC-EN29F040-45PI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
More results

Similar Description - EN29F040A-55TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com