Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-7001 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-7001
Description  IR 3/16 Encode/Decode IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-7001 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HSDL-7001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-7001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-7001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-7001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-7001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-7001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-7001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-7001 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Recommended Operating Conditions
(VCC = 2.7 to 5.5 V, TA = -20 to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VCC
2.7
5
5.5
V
Input Voltage
VI
0.0
VCC
V
Ambient Temperature
TA
-20
+85
°C
High Level Input Voltage
VIH
0.7 VCC
VCC
V
Low Level Input Voltage
VIL
0
0.3 VCC
V
Output High Voltage
VOH
2.2
V
VCC = 2.7 V
ioh = 2 mA
Output Low Voltage
VOL
0.5
V
VCC = 2.7 V
iol = 2 mA
Output High Voltage
VOH
4.5
V
VCC = 5.5 V
ioh = 2 mA
Output Low Voltage
VOL
0.5
V
VCC = 5.5 V
iol = 2 mA
Static Power Dissipation
PSTAT
0.44
0.61
mW
VCC = 5.5 V
0.11
0.15
mW
VCC = 2.7 V
Dynamic Power Dissipation
PDYN
11
16.5
mW
VCC = 5.5 V
5.4
8.1
mW
VCC = 2.7 V
Static Current Consumption
ISTAT
80
110
µAVCC = 5.5 V
40
54
µAVCC = 2.7 V
Dynamic Current Consumption
IDYN
23
mA
VCC = 5.5 V
23
mA
VCC = 2.7 V
Max Clk Frequency (16XCLK)[1]
f16XCLK
2
MHz
Minimum Pulse Width (IR_TXD)[2]
tmpw
1630
ns
Pulse Width on Monoshot
tmpw
1630
1710
1730
ns
(IR_TXD and IR_RCV)
Value of Pulldown Resistor Used on
RDWN
114
152
256
K
POWERDOWN & PULSEMOD Input Pins
Trigger Low Level Input Voltage
VIL_TRIG
0.7
0.8
0.9
V
VCC = 2.7 V
(For /NRST Input Pin)
1.9
1.95
2.00
VCC = 5.5 V
Trigger High Level Input Voltage
VIH_TRIG
1.7
1.85
1.9
V
VCC = 2.7 V
(For /NRST Input Pin)
3.25
3.4
3.60
VCC = 5.5 V
Notes:
1. IrDA Parameters. The Max Clk Frequency represents the maximum clock frequency to drive the HSDL-7001’s internal state
machine. Under normal circumstances, the clock input should not exceed 16* 115.2 Kbps or 1.8432 MHz. This product can
operate at higher clock rates, but the above is the recommended rate.
2. The Minimum Pulse Width (tmpw) represents the minimum pulse width of the encoded IR_TXD pulse (and the IR_RCV pulse). As
per the IrDA specifications, the minimum pulse width of the IR_TXD and IR_RCV pulses should be 3*(1/1.8432 MHz) or 1.63
µs.


Similar Part No. - HSDL-7001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-7001-2500 HP-HSDL-7001-2500 Datasheet
130Kb / 8P
   IR 3/16 Encode/Decode IC
More results

Similar Description - HSDL-7001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-7000 HP-HSDL-7000 Datasheet
104Kb / 5P
   IR 3/16 Encode/Decode IC
HSDL-7001-2500 HP-HSDL-7001-2500 Datasheet
130Kb / 8P
   IR 3/16 Encode/Decode IC
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-7000 AVAGO-HSDL-7000 Datasheet
54Kb / 6P
   IR 3/16 Encode/Decode IC
HSDL-7002 AVAGO-HSDL-7002 Datasheet
314Kb / 11P
   3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
   IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
logo
MOSDESIGN SEMICONDUCTOR...
M3014 MOSDESIGN-M3014 Datasheet
79Kb / 9P
   IR TV/VCD TRANSMITTER IR CONTROL IC
2004-09-06
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9752AE AKM-AK9752AE Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com