Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS370 Datasheet(PDF) 6 Page - Microchip Technology

Part # HCS370
Description  KEELOQ Code Hopping Encoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HCS370 Datasheet HTML 2Page - Microchip Technology HCS370 Datasheet HTML 3Page - Microchip Technology HCS370 Datasheet HTML 4Page - Microchip Technology HCS370 Datasheet HTML 5Page - Microchip Technology HCS370 Datasheet HTML 6Page - Microchip Technology HCS370 Datasheet HTML 7Page - Microchip Technology HCS370 Datasheet HTML 8Page - Microchip Technology HCS370 Datasheet HTML 9Page - Microchip Technology HCS370 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
HCS370
DS41111D-page 6
Preliminary
2002 Microchip Technology Inc.
If the device is in the transmit process and detects that
a new button is pressed, the current code word will be
aborted, a new code word will be transmitted and the
time-out counter will RESET. If all the buttons are
released, a minimum number of code words will still be
completed. The minimum code words can be set to 1,
2, 4, or 8 using the Minimum Code Words (MTX) con-
figuration option. If the time for transmitting the mini-
mum code words is longer than the time-out time, the
device will not complete the minimum code words.
The HCS370 has an onboard nonvolatile EEPROM.
This EEPROM is used to store user programmable
data and the synchronization counter. The data is pro-
grammed at the time of production and includes the
security related information such as encoder keys,
serial numbers, discrimination values, and seed val-
ues. All the security related options are read protected.
The initial counter value is also programmed at the time
of production. From then on the device maintains the
counter itself. The HCS370 has built in redundancy for
counter protection and can recover from counter cor-
ruption.
The counter will not increment if the previous write was
corrupted by low voltage RESET or power failure dur-
ing TPLL. Instead, the counter will revert back to the
previous count and the HCS370 will attempt to correct
the bad bits. This will continue on every button press
until the voltage increases and the counter is success-
fully corrected.
FIGURE 2-2:
I/O CIRCUITS
FIGURE 2-3:
I/O CIRCUITS (
CONTINUED)
DATA, RFEN
N
P
Figure 2-2(D)
STEP
Outputs
VIN
Figure 2-2(E)
+
-
1.2V
VDD
S0, S1, S2
Inputs
S3, S4, SHIFT
ZIN
Figure 2-3(A)
LED Output
LED
Figure 2-3(C)
VDD
LED
Weak
S5/SLEEP
ZIN
VDD
S5
P
N
SOEN
Figure 2-3(B)
N
P
N
SLEEP


Similar Part No. - HCS370

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS370 MICROCHIP-HCS370 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
More results

Similar Description - HCS370

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
   KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
   KEELOQ CODE HOPPING ENCODER
1996
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
   KEELOQ Code Hopping Encoder
2001
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
   KEELOQ Code Hopping Encoder
2002
HCS301 MICROCHIP-HCS301_01 Datasheet
423Kb / 30P
   KEELOQ CODE HOPPING ENCODER
2001
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com