Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM614163A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM614163A
Description  256K x 16 High Speed EDO DRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM614163A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM614163A Datasheet HTML 1Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 2Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 3Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 4Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 5Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 6Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 7Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 8Page - List of Unclassifed Manufacturers EM614163A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
EtronTech
Em614163A-30/35/40/45
Etron Technology, Inc.
1F, No. 1, Prosperity Rd. 1, Science-Based Industrial Park, Hsinchu, Taiwan, R.O.C.
TEL: (886)-3-5782345 FAX: (886)-3-5779001
Etro n Techn olo gy, Inc . rese rves th e right to make c han ges to its pro duc ts and spe cificat ion s
April 1997
without notice.
256K x 16 High Speed EDO DRAM
Preliminary
Features
• Fast Access Time: 30/35/40/45ns
• Fast EDO Page Cycle Time: 13.3/15/16/18ns
• EDO Page Mode Operation
• Single +5V ¡Ó10% Power Supply
• Low Power Dissipation
• Individual Byte Control via Dual CAS Inputs
• Three Refresh Modes
• 512-Cycle Refresh in 8ms(9 rows and 9 columns)
• TTL Compatible
• 40-Pin, 400-mil Plastic SOJ Package, or
40/44-Pin, 400-mil Plastic TSOP-II Package.
Ordering Information
Part Number
Speed
Package
Em614163A-30
30ns
SOJ
EM614163TS-30
30ns
TSOP-II
Em614163A-35
35ns
SOJ
EM614163TS-35
35ns
TSOP-II
Em614163A-40
40ns
SOJ
EM614163TS-40
40ns
TSOP-II
Em614163A-45
45ns
SOJ
EM614163TS-45
45ns
TSOP-II
Key Specifications
Speed
tRAC
tCAC
tAA
tOEA
tRC
tPC
-30
30ns
9ns
16ns
9ns
53ns
13.3ns
-35
35ns
10ns
18ns
9ns
60ns
15ns
-40
40ns
11ns
20ns
10ns
66ns
16ns
-45
45ns
12ns
22ns
10ns
75ns
18ns
Overview
Pin Assignment (Top View)
40-Pin SOJ
40/44-Pin TSOP-II
Vcc
I/ O0
I/ O1
I/ O2
I/ O3
Vcc
I/ O4
I/ O5
I/ O6
I/ O7
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
Vss
I/ O15
I/ O14
I/ O13
I/ O12
Vss
I/ O11
I/ O10
I/ O9
I/ O8
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
Vcc
I/ O0
I/ O1
I/ O2
I/ O3
Vcc
I/ O4
I/ O5
I/ O6
I/ O7
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
Vss
I /O 15
I /O 14
I /O 13
I /O 12
Vss
I /O 11
I /O 10
I /O 9
I /O 8
NC
LC AS
UCAS
O E
A8
A7
A6
A5
A4
Vss
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
32
31
30
29
28
27
26
25
24
23
Pin Names
A0 - A8
Address Inputs
RAS
Row Address Strobe
UCAS
Column Address Strobe
(Upper Byte Control)
LCAS
Column Address Strobe
(Lower Byte Control)
WE
Write Enable
OE
Output Enable
I/O0 - I/O15
Data Input/Output
VCC
+5V Power Supply
VSS
Ground
NC
No Connection
The Em614163A-30/35/40/45 is a high speed
EDO(Extended Data Output) DRAM organized in
262,144 words by 16 bits. It supports EDO Page
Mode and 16-bit data width for high data bandwidth
applications.
The
EDO
Page
Mode
is
an
accelerated access that provides a shorter page
cycle and a faster data access time than the
traditional Fast Page Mode.
Compared with Fast Page Mode DRAM, the
EDO DRAM data output will be held valid after CAS
goes HIGH, as long as RAS and OE are held LOW
and WE is held HIGH. This feature allows CAS
precharge time to occur without the output data
going invalid. Therefore, the EDO CAS timing can be
condensed to carry more data out in a given period.
The Em614163A-30/35/40/45 fully utilizes the
EDO Page Mode advantages. It allows 512 random
access within a page with a fast cycle time as short
as 13.3/15/16/18 ns.
The Em614163A-30/35/40/45 is ideally suitable
for high performance graphics frame buffers, CD-
ROMs, disk drivers, set top boxes, and DSP
applications.


Similar Part No. - EM614163A

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6141FR32AW-10L EMLSI-EM6141FR32AW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-10S EMLSI-EM6141FR32AW-10S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-12L EMLSI-EM6141FR32AW-12L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-12S EMLSI-EM6141FR32AW-12S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32CW-10L EMLSI-EM6141FR32CW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM614163A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
logo
List of Unclassifed Man...
M11B11664A ETC-M11B11664A Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com