Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM614163A-30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EM614163A-30
Description  256K x 16 High Speed EDO DRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM614163A-30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EM614163A-30 Datasheet HTML 1Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 2Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 3Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM614163A-30 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
EtronTech
Em614163A-30/35/40/45
Preliminary
3
April 1997
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VT
- 0.5 to +7.0
V
Supply voltage relative to VSS
VCC
- 0.5 to +7.0
V
Short circuit output current
IOUT
50
mA
Power dissipation
PT
1.0
W
Operating temperature
TOPT
0 to +70
°C
Storage temperature
TSTG
- 55 to +125
°C
Capacitance
(Ta = 25
°C; VCC = 5V ¡Ó 10%; f = 1MHz)
Parameter
Symbol Typ. Max. Unit
Note
Input capacitance (A0 - A8)
CI1
¡Ð
5
pF
1
Input capacitance (RAS , UCAS , LCAS , WE , OE )
CI2
¡Ð
5
pF
1
Output capacitance(I/O0 - I/O15)
CI/O
¡Ð
7
pF
1
Notes:
1. Capacitance is sampled and not 100% tested.
Truth Table
Addresses
Function
RAS
LCAS UCAS
WE
OE
tR
tC
DQs
Notes
Standby
H
HX
HX
X
X
X
X
High-Z
Read: Word
L
L
L
H
L
ROW
COL
Data-out
Read: Lower Byte
L
L
H
H
L
ROW
COL
Lower byte, data-out
Upper byte, high-Z
Read: Upper Byte
L
H
L
H
L
ROW
COL
Lower byte, high-Z
Upper byte, data-out
Write: Word
(Early Write)
L
L
L
L
X
ROW
COL
Data-in
Write: Lower Byte
(Early)
L
L
H
L
X
ROW
COL
Lower byte, data-in
Upper byte, high-Z
Write: Upper Byte
(Early)
L
H
L
L
X
ROW
COL
Lower byte, high-Z
Upper byte, data-in
Read Write
L
L
L
HL
LH
ROW
COL
Data-out, Data-in
1, 2
EDO-Page-
1st Cycle
L
HL
HL
H
L
ROW
COL
Data-out
2
Mode Read
2nd Cycle
L
HL
HL
H
L
n/a
COL
Data-out
2
EDO-Page-
1st Cycle
L
HL
HL
L
X
ROW
COL
Data-in
1
Mode Write
2nd Cycle
L
HL
HL
L
X
n/a
COL
Data-in
1
EDO-
1st Cycle
L
HL
HL
HL
LH
ROW
COL
Data-out, Data-in
1, 2
Page-Mode
Read-Write
2nd Cycle
L
HL
HL
HL
LH
n/a
COL
Data-out, Data-in
1, 2
Hidden
Read
LHL
L
L
H
L
ROW
COL
Data-out
2
Refresh
Write
LHL
L
L
L
X
ROW
COL
Data-in
1, 3
RAS# only refresh
L
H
H
X
X
ROW
n/a
High-Z
CBR Refresh
HL
L
L
X
X
X
X
High-Z
4
Notes:
1. These WRITE cycles may also be BYTE WRITE cycles (either LCAS or UCAS active).
2. These READ cycles may also be BYTE READ cycles (either LCAS or UCAS active).
3. EARLY WRITE only.


Similar Part No. - EM614163A-30

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6141FR32AW-10L EMLSI-EM6141FR32AW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-10S EMLSI-EM6141FR32AW-10S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-12L EMLSI-EM6141FR32AW-12L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-12S EMLSI-EM6141FR32AW-12S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32CW-10L EMLSI-EM6141FR32CW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM614163A-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
logo
List of Unclassifed Man...
M11B11664A ETC-M11B11664A Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com