Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM614163 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EM614163
Description  256K x 16 High Speed EDO DRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM614163 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EM614163 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 9Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 10Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 11Page - List of Unclassifed Manufacturers EM614163 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
EtronTech
Em614163A-30/35/40/45
Preliminary
8
April 1997
EDO Page Mode Cycle
Em614163A
Parameter
Symbol
-30/35/40/45
Unit
Notes
Min
Max
EDO page mode cycle time
tPC
13.3/15/16/18
¡Ð
ns
25
EDO page mode U/LCAS precharge
time
tCP
5/5/5/6
¡Ð
ns
23
EDO page mode RAS pulse width
tRASP
30/35/40/45
100,000
ns
24
Access time from U/LCAS precharge
tCPA
¡Ð
18/21/23/25
ns
11, 15
RAS hold time from U/LCAS precharge
tCPRH
13/14/15/16
¡Ð
ns
EDO page mode read-modify-write cycle
U/LCAS precharge to WE delay time
tCPW
27/31/36/41
¡Ð
ns
11
EDO page mode read-modify-write cycle
time
tPRWC
35/40/45/50
¡Ð
ns
OE low to CAS high setup time
tOES
5
¡Ð
ns
OE high hold time from CAS high
tOEHC
6
¡Ð
ns
OE high pulse width
tOEP
6
¡Ð
ns
OE setup prior to RAS during hidden
refresh cycle
tORD
0
¡Ð
ns
Data output hold after CAS low
tCOH
3/3/3/5
¡Ð
ns
Output disable delay from WE
tWHZ
0
13
ns
WE pulse width for output disable when
CAS high
tWPZ
6
¡Ð
ns
Counter Test Cycle
U/LCAS precharge time in counter test
cycle
tCPT
30
¡Ð
ns
23


Similar Part No. - EM614163

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6141FR32AW-10L EMLSI-EM6141FR32AW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-10S EMLSI-EM6141FR32AW-10S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-12L EMLSI-EM6141FR32AW-12L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32AW-12S EMLSI-EM6141FR32AW-12S Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6141FR32CW-10L EMLSI-EM6141FR32CW-10L Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM614163

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
logo
List of Unclassifed Man...
M11B11664A ETC-M11B11664A Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com