Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3015-15MA Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3015-15MA
Description  Micropower, 300mA Low Dropout CMOS Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3015-15MA Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3015-15MA Datasheet HTML 1Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 2Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 3Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 4Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 5Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 6Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 7Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 8Page - California Micro Devices Corp CM3015-15MA Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
09/14/04
CM3015
PRELIMINARY
Specifications (cont’d)
Note 1: VOUT + 1V < VIN & 2.5V < VIN < 6V, IOUT = 1mA, CIN = 2.2µF, TJ = 25°C, COUT = 2.2µF, VSD = 1.5V, unless specified other-
wise. Bold values indicate -40
°C < TJ < 125°C
Note 2: Regulation voltages and dropout resistance measured at constant junction temperature using low duty cycle pulse testing.
Note 3: Line regulation is displayed as the average regulation across the full operating range measured in %/V.
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
S
VOUT
Regulator Output Voltage
TA = 25°C
0°C<TJ<125°C
-40°C<TJ<125°C
-1
-2
-3
+1
+2
+3
%
%
%
VR LINE
Line Regulation
VOUT + 1V < VIN & 2.5V < VIN < 6V
0.1
0.2
0.4
%/V
VR LOAD
Load Regulation
0mA
≤ IOUT ≤ 150mA; VIN = VOUT + 1V;
Note 2
0.1
0.25
0.50
%
VSENSE
Reference Voltage
TA = 25°C
1.20
V
RDROP
Dropout Resistance
1mA
≤ ILOAD ≤ 300mA;
VIN = VOUT(nominal) -100mV
0.7
1.0
1.2
IGND
Ground Current
with EN tied to VIN; ILOAD = 1mA
150
200
µA
with EN tied to VIN; ILOAD = 350mA
165
250
µA
with EN tied to GND (Disable Mode)
0.01
1
µA
VEN
Enable Voltage
Regulator enabled
1.5
V
VDIS
Disable Voltage
Regulator shutdown
0.40
0.18
V
IEN
Enable Input Current
0.01
µA
PSSR
Power Supply Ripple Rejection
f=1kHz
75
dB
ENOISE
Output Noise Voltage
10Hz-100kHz; CBYP = 0.1µF30
µVrms
tON
VOUT Turn-on Time
CBYP = 0µF80
µs
CBYP = 0.1µF100
µs
ILIM
Overload Current Limit
800
mA
ISC
Short Circuit Current Limit
VOUT < 0.5V
550
mA
TJSD
Thermal Shutdown Junction
Temperature
165
°C
THYST
Thermal Hysteresis
20
°C
THERMAL PERFORMANCE
PACKAGE
θJA MINIMUM FOOTPRINT θJA 1" SQUARE 2OZ. COPPER
SOT23-5 / SOT23-6
220°C/W
170°C/W
MSOP-8 Fused
160°C/W
70°C/W


Similar Part No. - CM3015-15MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3015-15MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Texas Instruments
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com