Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV4016EC-70 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS616LV4016EC-70
Description  Very Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4016EC-70 Datasheet(HTML) 7 Page - Brilliance Semiconductor

Back Button BS616LV4016EC-70 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV4016EC-70 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Revision 1.1
Jan.
2004
7
R0201-BS616LV4016
BSI
BS616LV4016
SWITCHING WAVEFORMS (WRITE CYCLE)
t WR
WRITE CYCLE1 (1)
t WC
(3)
t CW
(10)
t BW
(2)
t WP
t AW
t OHZ
(4,11)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
LB,UB
CE
OE
ADDRESS
(5)
AC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
CYCLE TIME : 55ns
(Vcc = 2.7~3.6V)
(Vcc = 2.4~3.6V)
UNIT
t
AVAX
t
WC
Write Cycle Time
55
--
--
70
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
55
--
--
70
--
--
ns
t
AVWL
t
AS
Address Setup Time
0
--
--
0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
55
--
--
70
--
--
ns
t
WLWH
t
WP
Write Pulse Width
30
--
--
35
--
--
ns
t
WHAX
t
WR
Write recovery Time
(CE,WE)
0
--
--
0
--
--
ns
t
BW
t
BW
Date Byte Control to End of Write
(LB,UB)
25
--
--
30
--
--
ns
t
WLQZ
t
WHZ
Write to Output in High Z
--
--
25
--
--
30
ns
t
DVWH
t
DW
Data to Write Time Overlap
25
--
--
30
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0
--
--
0
--
--
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
t
WHOX
t
OW
End of Write to Output Active
5
--
--
5
--
--
ns
WRITE CYCLE
1. tBW is 25ns/30ns (@speed=55ns/70ns) with address toggle. ; tBW is 55ns/70ns (@speed=55ns/70ns) without address toggle.
(1)
NOTE :
MIN. TYP. MAX.
MIN. TYP. MAX.
CYCLE TIME : 70ns


Similar Part No. - BS616LV4016EC-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010AC BSI-BS616LV4010AC Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010AI BSI-BS616LV4010AI Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010BC BSI-BS616LV4010BC Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010BI BSI-BS616LV4010BI Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616LV4016EC-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_08 Datasheet
247Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com