Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTS9513API-2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
7
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Figure 6 - CTS9513 Counter Groups 3 - 5
When an output low impedance to ground output is
programmed, the Status bit reflects and Active High
status. When the output is programmed for a high
impedance output or is externally inhibited, the status
register reflects an active low output. Table 7
summarizes the status register bit assignments.
Master Mode Commands
The Master Mode registers are 16 bit read/Write
registers
used
to
set
counter
parameters
not
associated
with
individual
counters.
These
parameters include setting the data bus width,
prescaling factors, Time of day functions and data
pointer
sequencing.
The
primary
Master
Mode
Register is identical in function to the original ‘9513
device. The auxiliary Master Mode Register is used
to program extended features of the CTS9513. If the
auxiliary register is not programmed the device
behaves as an original ‘9513 device. Table 8
summarizes the primary and auxiliary Master Mode
Register bit assignments.
On Power-up the Master Mode register is cleared to
all zeros resulting in the following default conditions:
1
Time of Day disabled
2
Alarm Comparators Disabled
3
FOUT source is F1
4
FOUT divider set for divide by 16
5
FOUT enabled
6
Data Bus 8 bits
7
Data Pointer Sequencing enabled
8
Frequency scaling Binary
Time of Day ( Bits MM0-1)
Bits MM0 and MM1 control the Time-of-day functions
for counters 1 and 2. When enabled, additional
counter logic is enabled to allow the two counters to
operate as a 24 hour clock.
Counters 1 and two must be programmed for BCD
counting. To initialize the time, appropriate values are
loaded in the Counter Load registers. To read the
time a SAVE command is issued to Counters 1 and 2
and the values read from the Hold registers.
Table
9
illustrates
the
Time-of-day
storage
configuration. In short, Counter 2 bits 8-15 form a
two digit BCD Hours counter, Bits 0-7 form a two digit
BCD Minutes counter. Counter 1 bits Bits 8-15 form
a two digit BCD seconds counter, Bits 4-7 form a
tenth second counter and Bits 0-3 form a division
factor for the input source for divide by 5, 6 or 10.
Comparator Enable (Bits MM2-3)
The two 16 bit comparators on counters 1 and 2 may
be used in any mode. When enabled, the output of
the comparators are routed to the output of the
counter. The output will be asserted when the
comparison between the counter and alarm register
contents are true. It will remain asserted as long as
the counter and alarm register remain the same.
In the Time-of-Day mode the comparators operate in
conjunction such that the output of the counter 2
comparator is asserted only when both comparators
1 and 2 are true. the comparator 1 output will
continue to operate normally.
FOUT Source (Bits MM4-7)
Fifteen different sources may be routed to the input of
the FOUT divider, including the five SOURCE inputs,
five GATE inputs and five of the internal divided
frequencies derived from the X1 input. Additional
Sources may be programmed using the extended
Master mode register functions.
FOUT1 Divider (Bits MM8-11)
FOUT may be divided by 1 to 16. Master mode bits
MM8-11 allow programming of the FOUT divider from
1 to 16 inclusive. Higher order division factors are
programmed through the extended Master Mode
register functions.
FOUT Enable (Bit MM12)
The FOUT output may be enabled or disabled and
placed in a low impedance state to ground under
software control.
Bus Width (Bit MM13)
When set, this bit places the device into a 16 bit
external data bus mode. When cleared, the external
data bus is set to 8 bits and registers are loaded 8
bits at a time, least significant word first.
Figure 5 - CTS9513 Counter Groups 1 & 2
16 BIT COMPARATOR
16 BIT ALARM REGISTER
16 BIT HOLD REGISTER
16 BIT COUNTER
16 BIT LOAD REGISTER
TERM COUNT
OUTPUT
CNTL
OUT
INT
INT
CNTL
INPUT MUX
CONTROL
COUNTER
CONTROL
MODE
CONTROL
SOURCE
FREQ
GATE
TCN-1
16 BIT HOLD REGISTER
16 BIT COUNTER
16 BIT LOAD REGISTER
TERM COUNT
OUTPUT
CNTL
OUT
INT
INT
CNTL
INPUT MUX
CONTROL
COUNTER
CONTROL
MODE
CONTROL
SOURCE
FREQ
GATE
TCN-1


Similar Part No. - CTS9513API-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS922 ETC2-CTS922 Datasheet
118Kb / 1P
   50 OHM COAXIAL CABLE
More results

Similar Description - CTS9513API-2

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FE04 MEGAWIN-MG87FE04 Datasheet
1Mb / 61P
   Two 16-bit timer/counter
logo
Advantech Co., Ltd.
PCL-836 ADVANTECH-PCL-836 Datasheet
563Kb / 1P
   6-ch, 16-bit Counter/Timer ISA Card
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
   20MHz 16-bit Microcontroller
logo
Advantech Co., Ltd.
PCI-1780U ADVANTECH-PCI-1780U Datasheet
536Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
PCI-1780U ADVANTECH-PCI-1780U_15 Datasheet
209Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
logo
Panasonic Semiconductor
MN102L610B PANASONIC-MN102L610B Datasheet
367Kb / 3P
   RESET Watchdog Timer counter 0 to 5 Timer counter 6 to 7
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
   COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
   Timer Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
   Timer, Counter
logo
Panasonic Semiconductor
MN101C61G PANASONIC-MN101C61G Datasheet
122Kb / 5P
   Timer counter 0 : 8-bit X 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com