Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV8001EI-70 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS62LV8001EI-70
Description  Very Low Power/Voltage CMOS SRAM 1M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV8001EI-70 Datasheet(HTML) 7 Page - Brilliance Semiconductor

  BS62LV8001EI-70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV8001EI-70 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Revision 2.1
Jan.
2004
7
R0201-BS62LV8001
WRITE CYCLE2 (1,6)
BSI
BS62LV8001
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE2, CE1 and WE low. All signals
must be active to initiate a write and any one signal can terminate a write by going inactive.
The data input setup and hold timing should be referenced to the second transition edge of
the signal that terminates the write.
3. TWR is measured from the earlier of CE2 going low, or CE1 or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase
to the outputs must not be applied.
5. If the CE2 high transition or CE1 low transition occurs simultaneously with the WE low transitions or after the WE
transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL ).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE2 is high or CE1 is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE2 going high or CE1 going low to the end of write.
t WC
t CW
(11)
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR
(3)
t DH
t DW
D
IN
D
OUT
WE
CE1
ADDRESS
t OW
(7)
(8)
(8,9)
CE2
(5)


Similar Part No. - BS62LV8001EI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8001EI55 BSI-BS62LV8001EI55 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001EI70 BSI-BS62LV8001EI70 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001EIG55 BSI-BS62LV8001EIG55 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001EIG55 BSI-BS62LV8001EIG55 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001EIG70 BSI-BS62LV8001EIG70 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
More results

Similar Description - BS62LV8001EI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com