Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5710NTR Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC5710NTR
Description  Phone Line Monitor (PLM) IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5710NTR Datasheet(HTML) 4 Page - Clare, Inc.

  CPC5710NTR Datasheet HTML 1Page - Clare, Inc. CPC5710NTR Datasheet HTML 2Page - Clare, Inc. CPC5710NTR Datasheet HTML 3Page - Clare, Inc. CPC5710NTR Datasheet HTML 4Page - Clare, Inc. CPC5710NTR Datasheet HTML 5Page - Clare, Inc. CPC5710NTR Datasheet HTML 6Page - Clare, Inc. CPC5710NTR Datasheet HTML 7Page - Clare, Inc. CPC5710NTR Datasheet HTML 8Page - Clare, Inc. CPC5710NTR Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CPC5710N
4
www.clare.com
Rev. 1.0 12/16/2002
1.3 Environmental Characteristics
1.4 Pinout
Figure 2. Package Pinout
Comparator Threshold Characteristics
Comparator detection
threshold voltage
ICM = 0
675
750
850
mV
Comparator detection
threshold voltage
ICM = ±12 µA
488
750
1012
mV
Comparator hysteresis
voltage
ICM = 0
300
375
450
mV
LIN/CMP Input Characteristics
Input low voltage
VIL
--
0.8
V
Input high voltage
VIH
2.0
-
-
V
Input high leakage
current (IIH)
VIH = 2.4 V
-
-
-120
µA
Input low leakage
current (IIL)
VIL = 0.4 V
-
-
-120
µA
Unless otherwise specified, minimum and maximum values are production testing requirements. Typical values are characteristic of the device and are the result of
engineering evaluations. Typical values are provided for information purposes only and are not part of the testing requirements.
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Operating temperature
-40
-
+85
°C
Operating humidity
non-condensing
5
-
95
%
Pin
Name
Description
1
VDD
Power supply
2CMPOUT
Comparator output, active low
3LIN/CMP
Output select, low for linear output or high for
comparator output
4
LINOUT-
Negative differential linear output
5
LINOUT+
Positive differential linear output
6
IN+
Positive differential input
7
IN-
Negative differential input
8
VSS
Ground
1
2
3
4
8
7
6
5
VDD
CMPOUT
LIN/CMP
LINOUT-
VSS
IN-
IN+
LINOUT+


Similar Part No. - CPC5710NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710NTR CLARE-CPC5710NTR Datasheet
361Kb / 10P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710NTR IXYS-CPC5710NTR Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
More results

Similar Description - CPC5710NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
   Phone Line Monitor (PLM) IC
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com