Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3107-00SB Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM3107-00SB
Description  2 Amp Source/ Sink Bus Termination Regulator for DDR Memory and Front Side Bus Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3107-00SB Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM3107-00SB Datasheet HTML 3Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 4Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 5Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 6Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 7Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 8Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 9Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 10Page - California Micro Devices Corp CM3107-00SB Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
02/02/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
7
CM3107
Performance Information (cont’d)
Typical DC Characteristics (nominal conditions unless otherwise specified)
Figure 9. VCC Supply Current with
Supply Voltage
Typical Transient Characteristics (nominal conditions unless otherwise specified)
Figure 10. Load Transient
(0A to 2.0A Sink)
Figure 11. Line Transient
(0A to 2.0A Source)


Similar Part No. - CM3107-00SB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM310 VCC-CM310 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Chicago Miniature Lamp,...
CM3102 CML-CM3102 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM3102 VCC-CM3102 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
More results

Similar Description - CM3107-00SB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3109 CALMIRCO-CM3109 Datasheet
542Kb / 12P
   2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
CM3106 CALMIRCO-CM3106 Datasheet
987Kb / 11P
   2 Amp Source/ Sink Bus Termination Regulator
logo
ON Semiconductor
CM3106 ONSEMI-CM3106 Datasheet
395Kb / 9P
   2 Amp Source/ Sink Bus Termination Regulator
April, 2011 ??Rev. 3
logo
Exar Corporation
SP2996BEN-L EXAR-SP2996BEN-L Datasheet
713Kb / 9P
   2 Amp DDR Bus Termination Regulator
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1270 A-POWER-AP1270 Datasheet
122Kb / 7P
   3A SINK/SOURCE BUS TERMINATION REGULATOR
AP1270AMP A-POWER-AP1270AMP_16 Datasheet
359Kb / 7P
   2.5A SINK/SOURCE BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com