Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH7012A-T Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CH7012A-T
Description  Chrontel CH7012 TV Output Device
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7012A-T Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CH7012A-T Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 11Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 12Page - List of Unclassifed Manufacturers CH7012A-T Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
201-0000-042 Rev. 1.1, 9/29/2000
9
CHRONTEL
CH7012A
Input Clock and Data Formats
The 12 data inputs support 5 different multiplexed data formats, each of which can be used with a 1X clock
latching data on both clock edges, or a 2X clock latching data with a single edge. The data received by the
CH7012 can be used to drive the VGA to TV encoder or directly drive the DAC’s. The multiplexed input data
formats are (IDF[2:0]):
IDF
Description
0
12-bit multiplexed RGB input (24-bit color), (multiplex scheme 1)
1
12-bit multiplexed RGB2 input (24-bit color), (multiplex scheme 2)
2
8-bit multiplexed RGB input (16-bit color, 565)
3
8-bit multiplexed RGB input (15-bit color, 555)
4
8-bit multiplexed YCrCb input (24-bit color), (Y, Cr and Cb are multiplexed)
For multiplexed input data formats, either both transitions of the XCLK/XCLK* clock pair, or each rising or
falling edge of the clock pair (depending upon MCP bit, rising refers to a rising edge on the XCLK signal, a
falling edge on the XCLK* signal) will latch data from the graphics chip. The multiplexed input data formats
are shown in the figures below. The Pixel Data bus represents a 12-bit or 8-bit multiplexed data stream, which
contains either RGB or YCrCb formatted data. The input data rate is 2X the pixel rate, and each pair of Pn
values (eg; P0a and P0b) will contain a complete pixel encoded as shown in the tables below. It is assumed
that the first clock cycle following the leading edge of the incoming horizontal sync signal contains the first
word (Pxa) of a pixel, if an active pixel was present immediately following the horizontal sync. This does not
mean that active data should immediately follow the horizontal sync, however. When the input is a YCrCb
data stream the color-difference data will be transmitted at half the data rate of the luminance data, with the
sequence being set as Cb, Y, Cr, Y, where Cb0,Y0,Cr0 refers to co-sited luminance and color-difference
samples and the following Y1 byte refers to the next luminance sample, per CCIR-656 standards (the clock
frequency is dependent upon the current mode, and is not 27MHz as specified in CCIR-656). All non-active
pixels should be 0 in RGB formats, and 16 for Y and 128 for CrCb in YCrCb formats.


Similar Part No. - CH7012A-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7013A-T ETC1-CH7013A-T Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7013A-V ETC1-CH7013A-V Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7013B ETC1-CH7013B Datasheet
1,004Kb / 46P
   Digital PC to TV Encoder
CH7013B-D ETC1-CH7013B-D Datasheet
1,004Kb / 46P
   Digital PC to TV Encoder
More results

Similar Description - CH7012A-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7009A ETC1-CH7009A Datasheet
580Kb / 46P
   Chrontel CH7009 DVI / TV Output Device
CH7301A ETC-CH7301A Datasheet
485Kb / 30P
   Chrontel CH7301 DVI Output Device
logo
Chrontel, Inc.
CH7322B CHRONTEL-CH7322B Datasheet
221Kb / 18P
   Chrontel CH7322B CEC
Rev. 2.0, 9/10/2015
logo
Unisonic Technologies
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
   COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
   COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
logo
Fairchild Semiconductor
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
logo
NTE Electronics
NTE31 NTE-NTE31 Datasheet
20Kb / 2P
   Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output
logo
Sanyo Semicon Device
2SC4217 SANYO-2SC4217 Datasheet
84Kb / 3P
   Color TV Chroma Output, Sound Output, B/W TV Video Output, Sound Output Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com