Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F321 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # C8051F321
Description  Full Speed USB, 16k ISP FLASH MCU Family
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F321 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button C8051F321 Datasheet HTML 79Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 80Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 81Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 82Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 83Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 84Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 85Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 86Page - List of Unclassifed Manufacturers C8051F321 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 256 page
background image
C8051F320/1
Rev. 1.1
83
Register
Address
Description
Page No.
PCA0CPH3
0xEE
PCA Capture 3High
252
PCA0CPH4
0xFE
PCA Capture 4 High
252
PCA0CPL0
0xFB
PCA Capture 0 Low
252
PCA0CPL1
0xE9
PCA Capture 1 Low
252
PCA0CPL2
0xEB
PCA Capture 2 Low
252
PCA0CPL3
0xED
PCA Capture 3Low
252
PCA0CPL4
0xFD
PCA Capture 4 Low
252
PCA0CPM0
0xDA
PCA Module 0 Mode Register
250
PCA0CPM1
0xDB
PCA Module 1 Mode Register
250
PCA0CPM2
0xDC
PCA Module 2 Mode Register
250
PCA0CPM3
0xDD
PCA Module 3 Mode Register
250
PCA0CPM4
0xDE
PCA Module 4 Mode Register
250
PCA0H
0xFA
PCA Counter High
251
PCA0L
0xF9
PCA Counter Low
251
PCA0MD
0xD9
PCA Mode
249
PCON
0x87
Power Control
97
PSCTL
0x8F
Program Store R/W Control
110
PSW
0xD0
Program Status Word
85
REF0CN
0xD1
Voltage Reference Control
56
RSTSRC
0xEF
Reset Source Configuration/Status
104
SBUF0
0x99
UART0 Data Buffer
199
SCON0
0x98
UART0 Control
198
SMB0CF
0xC1
SMBus Configuration
182
SMB0CN
0xC0
SMBus Control
184
SMB0DAT
0xC2
SMBus Data
186
SP
0x81
Stack Pointer
85
SPI0CFG
0xA1
SPI Configuration
210
SPI0CKR
0xA2
SPI Clock Rate Control
212
SPI0CN
0xF8
SPI Control
211
SPI0DAT
0xA3
SPI Data
213
TCON
0x88
Timer/Counter Control
221
TH0
0x8C
Timer/Counter 0 High
224
TH1
0x8D
Timer/Counter 1 High
224
TL0
0x8A
Timer/Counter 0 Low
224
TL1
0x8B
Timer/Counter 1 Low
224
TMOD
0x89
Timer/Counter Mode
222
TMR2CN
0xC8
Timer/Counter 2 Control
228
TMR2H
0xCD
Timer/Counter 2 High
229
TMR2L
0xCC
Timer/Counter 2 Low
229
TMR2RLH
0xCB
Timer/Counter 2 Reload High
229
TMR2RLL
0xCA
Timer/Counter 2 Reload Low
229
TMR3CN
0x91
Timer/Counter 3Control
233
TMR3H
0x95
Timer/Counter 3 High
234
TMR3L
0x94
Timer/Counter 3Low
234
TMR3RLH
0x93
Timer/Counter 3 Reload High
234
TMR3RLL
0x92
Timer/Counter 3 Reload Low
234
Table 9.3. Special Function Registers


Similar Part No. - C8051F321

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F321 SILABS-C8051F321 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
C8051F321 SILABS-C8051F321 Datasheet
417Kb / 2P
   lntemal oscillator: 0.25 accyracy with clock recovery enabled supports all USB and UART modes
C8051F321 SILABS-C8051F321 Datasheet
1Mb / 251P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F321 SILABS-C8051F321 Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F321 SILABS-C8051F321 Datasheet
4Mb / 254P
   Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
More results

Similar Description - C8051F321

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_09 Datasheet
1Mb / 251P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
   Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
   Full Speed USB, 16 kB Flash MCU Family
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com