Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F021 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C8051F021
Description  8K ISP FLASH MCU Family
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F021 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C8051F021 Datasheet HTML 7Page - Silicon Laboratories C8051F021 Datasheet HTML 8Page - Silicon Laboratories C8051F021 Datasheet HTML 9Page - Silicon Laboratories C8051F021 Datasheet HTML 10Page - Silicon Laboratories C8051F021 Datasheet HTML 11Page - Silicon Laboratories C8051F021 Datasheet HTML 12Page - Silicon Laboratories C8051F021 Datasheet HTML 13Page - Silicon Laboratories C8051F021 Datasheet HTML 14Page - Silicon Laboratories C8051F021 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 272 page
background image
C8051F020/1/2/3
Rev. 1.4
11
Figure 9.1. Voltage Reference Functional Block Diagram....................................................91
Figure 9.2. REF0CN: Reference Control Register ................................................................92
Table 9.1. Voltage Reference Electrical Characteristics ......................................................92
10. VOLTAGE REFERENCE (C8051F021/3)..........................................................................93
Figure 10.1. Voltage Reference Functional Block Diagram ...................................................93
Figure 10.2. REF0CN: Reference Control Register ................................................................94
Table 10.1. Voltage Reference Electrical Characteristics ......................................................94
11. COMPARATORS..................................................................................................................95
Figure 11.1. Comparator Functional Block Diagram ..............................................................95
Figure 11.2. Comparator Hysteresis Plot.................................................................................96
Figure 11.3. CPT0CN: Comparator0 Control Register ...........................................................97
Figure 11.4. CPT1CN: Comparator1 Control Register ...........................................................98
Table 11.1. Comparator Electrical Characteristics.................................................................99
12. CIP-51 MICROCONTROLLER........................................................................................101
Figure 12.1. CIP-51 Block Diagram......................................................................................101
Table 12.1. CIP-51 Instruction Set Summary.......................................................................103
Figure 12.2. Memory Map.....................................................................................................107
Table 12.2. Special Function Register (SFR) Memory Map................................................109
Table 12.3. Special Function Registers ................................................................................109
Figure 12.3. SP: Stack Pointer ...............................................................................................113
Figure 12.4. DPL: Data Pointer Low Byte ............................................................................113
Figure 12.5. DPH: Data Pointer High Byte ...........................................................................113
Figure 12.6. PSW: Program Status Word ..............................................................................114
Figure 12.7. ACC: Accumulator............................................................................................115
Figure 12.8. B: B Register .....................................................................................................115
Table 12.4. Interrupt Summary.............................................................................................117
Figure 12.9. IE: Interrupt Enable ...........................................................................................119
Figure 12.10. IP: Interrupt Priority ........................................................................................120
Figure 12.11. EIE1: Extended Interrupt Enable 1 .................................................................121
Figure 12.12. EIE2: Extended Interrupt Enable 2 .................................................................122
Figure 12.13. EIP1: Extended Interrupt Priority 1.................................................................123
Figure 12.14. EIP2: Extended Interrupt Priority 2.................................................................124
Figure 12.15. PCON: Power Control.....................................................................................126
13. RESET SOURCES ..............................................................................................................127
Figure 13.1. Reset Sources ....................................................................................................127
Figure 13.2. Reset Timing .....................................................................................................128
Figure 13.3. WDTCN: Watchdog Timer Control Register ...................................................131
Figure 13.4. RSTSRC: Reset Source Register.......................................................................132
Table 13.1. Reset Electrical Characteristics .........................................................................133
14. OSCILLATORS...................................................................................................................135
Figure 14.1. Oscillator Diagram ............................................................................................135
Figure 14.2. OSCICN: Internal Oscillator Control Register .................................................136
Table 14.1. Internal Oscillator Electrical Characteristics.....................................................136
Figure 14.3. OSCXCN: External Oscillator Control Register...............................................137
15. FLASH MEMORY ..............................................................................................................139


Similar Part No. - C8051F021

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F021 SILABS-C8051F021 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F021 SILABS-C8051F021 Datasheet
1Mb / 16P
   The C8051F12x series is pin compatible
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
   8K ISP FLASH MCU Family
More results

Similar Description - C8051F021

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
   8K ISP FLASH MCU Family
C8051F060 SILABS-C8051F060_V01 Datasheet
5Mb / 330P
   8K ISP FLASH MCU Family
Rev. 1.3
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com