Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F02X Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051F02X
Description  8K ISP FLASH MCU Family
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F02X Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051F02X Datasheet HTML 5Page - Silicon Laboratories C8051F02X Datasheet HTML 6Page - Silicon Laboratories C8051F02X Datasheet HTML 7Page - Silicon Laboratories C8051F02X Datasheet HTML 8Page - Silicon Laboratories C8051F02X Datasheet HTML 9Page - Silicon Laboratories C8051F02X Datasheet HTML 10Page - Silicon Laboratories C8051F02X Datasheet HTML 11Page - Silicon Laboratories C8051F02X Datasheet HTML 12Page - Silicon Laboratories C8051F02X Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 272 page
background image
C8051F020/1/2/3
Rev. 1.4
9
LIST OF FIGURES AND TABLES
1. SYSTEM OVERVIEW .........................................................................................................17
Table 1.1. Product Selection Guide ......................................................................................17
Figure 1.1. C8051F020 Block Diagram.................................................................................18
Figure 1.2. C8051F021 Block Diagram.................................................................................19
Figure 1.3. C8051F022 Block Diagram.................................................................................20
Figure 1.4. C8051F023 Block Diagram.................................................................................21
Figure 1.5. Comparison of Peak MCU Execution Speeds.....................................................22
Figure 1.6. On-Board Clock and Reset..................................................................................23
Figure 1.7. On-Chip Memory Map ........................................................................................24
Figure 1.8. Development/In-System Debug Diagram ...........................................................25
Figure 1.9. Digital Crossbar Diagram....................................................................................26
Figure 1.10. PCA Block Diagram............................................................................................27
Figure 1.11. 12-Bit ADC Block Diagram................................................................................28
Figure 1.12. 8-Bit ADC Diagram ............................................................................................29
Figure 1.13. Comparator and DAC Diagram...........................................................................30
2. ABSOLUTE MAXIMUM RATINGS..................................................................................31
Table 2.1. Absolute Maximum Ratings*..............................................................................31
3. GLOBAL DC ELECTRICAL CHARACTERISTICS ......................................................32
Table 3.1. Global DC Electrical Characteristics...................................................................32
4. PINOUT AND PACKAGE DEFINITIONS........................................................................33
Table 4.1. Pin Definitions.....................................................................................................33
Figure 4.1. TQFP-100 Pinout Diagram..................................................................................38
Figure 4.2. TQFP-100 Package Drawing...............................................................................39
Figure 4.3. TQFP-64 Pinout Diagram....................................................................................40
Figure 4.4. TQFP-64 Package Drawing.................................................................................41
5. ADC0 (12-BIT ADC, C8051F020/1 ONLY) ........................................................................43
Figure 5.1. 12-Bit ADC0 Functional Block Diagram............................................................43
Figure 5.2. Temperature Sensor Transfer Function ...............................................................44
Figure 5.3. 12-Bit ADC Track and Conversion Example Timing.........................................45
Figure 5.4. ADC0 Equivalent Input Circuits .........................................................................46
Figure 5.5. AMX0CF: AMUX0 Configuration Register (C8051F020/1) .............................47
Figure 5.6. AMX0SL: AMUX0 Channel Select Register (C8051F020/1)............................48
Figure 5.7. ADC0CF: ADC0 Configuration Register (C8051F020/1)..................................49
Figure 5.8. ADC0CN: ADC0 Control Register (C8051F020/1) ...........................................50
Figure 5.9. ADC0H: ADC0 Data Word MSB Register (C8051F020/1) ...............................51
Figure 5.10. ADC0L: ADC0 Data Word LSB Register (C8051F020/1).................................51
Figure 5.11. ADC0 Data Word Example (C8051F020/1) .......................................................52
Figure 5.12. ADC0GTH: ADC0 Greater-Than Data High Byte Register (C8051F020/1) .....53
Figure 5.13. ADC0GTL: ADC0 Greater-Than Data Low Byte Register (C8051F020/1) ......53
Figure 5.14. ADC0LTH: ADC0 Less-Than Data High Byte Register (C8051F020/1) ..........53
Figure 5.15. ADC0LTL: ADC0 Less-Than Data Low Byte Register (C8051F020/1) ...........53
Figure 5.16. 12-Bit ADC0 Window Interrupt Example: Right Justified Single-Ended Data .54


Similar Part No. - C8051F02X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F020 ETC-C8051F020 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
logo
Silicon Laboratories
C8051F020 SILABS-C8051F020 Datasheet
178Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F020 SILABS-C8051F020 Datasheet
1Mb / 272P
   8K ISP FLASH MCU Family
C8051F020 SILABS-C8051F020 Datasheet
1Mb / 16P
   The C8051F12x series is pin compatible
logo
List of Unclassifed Man...
C8051F020DK ETC-C8051F020DK Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
More results

Similar Description - C8051F02X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
   8K ISP FLASH MCU Family
C8051F060 SILABS-C8051F060_V01 Datasheet
5Mb / 330P
   8K ISP FLASH MCU Family
Rev. 1.3
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com