Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1924 Datasheet(PDF) 1 Page - Rohm

Part # BU1924
Description  RDS / RBDS decoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1924 Datasheet(HTML) 1 Page - Rohm

  BU1924 Datasheet HTML 1Page - Rohm BU1924 Datasheet HTML 2Page - Rohm BU1924 Datasheet HTML 3Page - Rohm BU1924 Datasheet HTML 4Page - Rohm BU1924 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BU1924 / BU1924F
Audio ICs
RDS / RBDS decoder
BU1924 / BU1924F
The BU1924 and BU1924F are RDS / RBDS decoders that employ a digital PLL and have a built-in anti-aliasing filter and
an eight-stage BPF (switched-capacitor filter). Linear CMOS circuitry is used for low power consumption.
!
!
!
!
Applications
RDS / RBDS compatible FM receivers for American and European markets, car stereos, high-fidelity stereo systems and
components, and FM pagers.
!
!
!
!
Features
1) Low current.
2) Two-stage anti-aliasing filter (LPF).
3) 57kHz band-pass filter.
4) DSB demodulation (digital PLL).
5) Quality indication output for demodulated data.
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Conditions
Unit
Power supply voltage
VDD
−0.3~+7.0
V
Maximum input voltage
VMax.
−0.3~VDD+0.3
V
Maximum output voltage
IMax.
±4.0
mA
Power dissipation
Pd
350
mW
Operating temperature
Topr
−40~+85
°C
Storage temperature
Tstg
−55~+125
°C
VDD1 VDD2
All input pins
All output pins
∗Reduced by 3.5mW for each increase in Ta of 1°C over 25°C.
!
!
!
!
Recommended operating conditions (Ta = 25
°C)
Parameter
VDD1
4.5
5.5
V
Power supply voltage
VDD2
4.5
5.5
V
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - BU1924

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1920F ROHM-BU1920F Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1920FS ROHM-BU1920FS Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
BU1923F ROHM-BU1923F Datasheet
83Kb / 6P
   RDS / RBDS decoder
More results

Similar Description - BU1924

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
BU2661FV ROHM-BU2661FV Datasheet
83Kb / 6P
   Low-voltage RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
logo
NXP Semiconductors
SAA6588 PHILIPS-SAA6588 Datasheet
176Kb / 28P
   RDS/RBDS pre-processor
1997 Sep 01
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com