Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F8011T-70CC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49F8011T-70CC
Description  8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8011T-70CC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49F8011T-70CC Datasheet HTML 4Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 5Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 6Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 7Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 8Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 9Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 10Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 11Page - ATMEL Corporation AT49F8011T-70CC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
AT49F8011(T)
1264D–FLASH–5/03
AT49F8011T – Sector Address Table
Plane
Sector
Size (Bytes/Words)
x8
Address Range (A18 - A-1)
x16
Address Range (A18 - A0)
B
SA0
64K/32K
000000 - 00FFFF
00000 - 07FFF
B
SA1
64K/32K
010000 - 01FFFF
08000 - 0FFFF
B
SA2
64K/32K
020000 - 02FFFF
10000 - 17FFF
B
SA3
64K/32K
030000 - 03FFFF
18000 - 1FFFF
B
SA4
64K/32K
040000 - 04FFFF
20000 - 27FFF
B
SA5
64K/32K
050000 - 05FFFF
28000 - 2FFFF
B
SA6
64K/32K
060000 - 06FFFF
30000 - 37FFF
B
SA7
64K/32K
070000 - 07FFFF
38000 - 3FFFF
B
SA8
64K/32K
080000 - 08FFFF
40000 - 47FFF
B
SA9
64K/32K
090000 - 09FFFF
48000 - 4FFFF
B
SA10
64K/32K
0A0000 - 0AFFFF
50000 - 57FFF
B
SA11
64K/32K
0B0000 - 0BFFFF
58000 - 5FFFF
B
SA12
64K/32K
0C0000 - 0CFFFF
60000 - 67FFF
B
SA13
64K/32K
0D0000 - 0DFFFF
68000 - 6FFFF
A
SA14
16K/8K
0E0000 - 0E3FFF
70000 - 71FFF
A
SA15
32K/16K
0E4000 - 0EBFFF
72000 - 75FFF
A
SA16
8K/4K
0EC000 - 0EDFFF
76000 - 76FFF
A
SA17
8K/4K
0EE000 - 0EFFFF
77000 - 77FFF
A
SA18
8K/4K
0F0000 - 0F1FFF
78000 - 78FFF
A
SA19
8K/4K
0F2000 - 0F3FFF
79000 - 79FFF
A
SA20
32K/16K
0F4000 - 0FBFFF
7A000 - 7DFFF
A
SA21
16K/8K
0FC000 - 0FFFFF
7E000 - 7FFFF


Similar Part No. - AT49F8011T-70CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12RC ATMEL-AT49F8192-12RC Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12RI ATMEL-AT49F8192-12RI Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12TC ATMEL-AT49F8192-12TC Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12TI ATMEL-AT49F8192-12TI Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F8011T-70CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com