Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F8011-90CC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49F8011-90CC
Description  8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8011-90CC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49F8011-90CC Datasheet HTML 5Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 6Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 7Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 8Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 9Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 10Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 11Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 12Page - ATMEL Corporation AT49F8011-90CC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AT49F8011(T)
1264D–FLASH–5/03
Notes:
1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH (x8); 001FH (x16), Device Code: 00CB-AT49F8011; 004A-AT49F8011T.
5. See details under Software Product Identification Entry/Exit.
Note:
1. In the erase mode, I
CC is 50 mA.
DC and AC Operating Range
AT49F8011(T)-70
AT49F8011(T)-90
Operating
Temperature (Case)
Com.
0
° C - 70° C
0
° C - 70° C
Ind.
-40
° C - 85° C
-40
° C - 85° C
V
CC Power Supply
4.5V to 5.5V
4.5V to 5.5V
Operating Modes
Mode
CE
OE
WE
RESET
Ai
I/O
Read
V
IL
V
IL
V
IH
V
IH
Ai
D
OUT
Program/Erase
(2)
VIL
VIH
VIL
VIH
Ai
DIN
Standby/Program Inhibit
V
IH
X
(1)
XV
IH
X
High Z
Program Inhibit
X
X
V
IH
V
IH
Program Inhibit
X
VIL
XVIH
Output Disable
X
V
IH
XV
IH
High Z
Reset
XXX
V
IL
X
High Z
Product Identification
Hardware
V
IL
V
IL
V
IH
V
IH
A1 - A18 = V
IL, A9 = VH
(3)
A0 = V
IL
Manufacturer Code
(4)
A1 - A18 = VIL, A9 = VH
(3)
A0 = V
IH
Device Code(4)
Software
(5)
V
IH
A0 = V
IL, A1 - A18 = VIL
Manufacturer Code(4)
A0 = VIH, A1 - A18 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
10
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
40
mA
ICCRW
VCC Read While Write Current
f = 5 MHz; IOUT = 0 mA
60
mA
V
IL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V


Similar Part No. - AT49F8011-90CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12RC ATMEL-AT49F8192-12RC Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12RI ATMEL-AT49F8192-12RI Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12TC ATMEL-AT49F8192-12TC Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192-12TI ATMEL-AT49F8192-12TI Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F8011-90CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com