Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8844BEAADJ Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8844BEAADJ
Description  750mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8844BEAADJ Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8844BEAADJ Datasheet HTML 1Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 2Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 3Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 4Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 5Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 6Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 7Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 8Page - Analog Microelectronics AME8844BEAADJ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME, Inc.
5
AME8844
750mA CMOS LDO
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
VO(NOM)=1.5V
1000
VO(NOM)=1.8V
650
VO(NOM)>=2.0V
500
Output Current
IO
750
mA
Current Limit
ILIM
750
mA
Short Circuit Current
ISC
750
mA
Quiescent Current
IQ
45
70
µA
Ground Pin Current
IGND
45
µA
VO < 2.0V
-0.15
0.15
%
4.0 > VO >= 2.0V
-0.1
0.02
0.1
%
4.0V <= VO
-0.4
0.4
%
Load Regulation
REGLOAD
-1
0.2
1
%
Over Temerature Shutdown
OTS
150
oC
Over Temerature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
ADJ Input Bias Current
IADJ
1
µA
Minimum Load Current
Iload
70
µA
ADJ Reference Voltage
VREF
1.221 1.240 1.26
V
f=1kHz
75
f=10kHz
55
f=100kHz
30
VEH
2.0
Vin
V
VEL
00.4
V
IEH
1
µA
IEL
1
µA
Shutdown Supply Current
ISD
0.5
2
µA
Output Under Voltage
VUV
84
%VO(NOM)
Output Over Voltage
VOV
105
%VO(NOM)
PG Leakage Current
ILC
1
µA
PG Voltage Low
VOL
0.4
V
VPG=7V
ISINK=0.25mA
PSRR
eN
VIN=2.7V to 7V
VEN=VIN, VIN=2.7V to 7V
VEN=0V, VIN=2.7V to 7V
VIN=5V, VO=0V, VEN<VEL
PG goes Low when VOUT too Low
PG goes Low when VOUT too High
30
µVrms
EN Input Threshold
VIN=2.7V to 7V
Power Supply Rejection
IO=100mA
CO=4.7
µF ceramic
f=10Hz to 100kHz
IO=10mA
Co=4.7
µF
EN Input Bias Current
Output Voltage Noise
Test Condition
Dropout Voltage
VDROPOUT
Line Regulation
IO=1mA to 750mA
IO=0mA
See
chart
IO=750mA
VO=VONOM -2.0%
VIN=VO(NOM) +1V, VO < 0.4V
Vin = 2.5V
dB
IO=1mA
IO=1mA to 750mA
IO=1mA
VIN=VO+1 to VO+2
mV
VO>1.2V
VO>1.2V
REGLINE
n Electrical Specifications
V
IN = VO(NOM) +2V, VEN = VIN, TA = 25
OC unless otherwise noted
Note1:V
IN(min)=VOUT+VDROPOUT


Similar Part No. - AME8844BEAADJ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8844BEQAADJ AME-AME8844BEQAADJ Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844BEQAADJ AME-AME8844BEQAADJ Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8844BEQAADJZ AME-AME8844BEQAADJZ Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844BEQAADJZ AME-AME8844BEQAADJZ Datasheet
145Kb / 16P
   750mA CMOS LDO
More results

Similar Description - AME8844BEAADJ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com