Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032A90BAIR23 Datasheet(PDF) 11 Page - SPANSION

Part # S29GL032A90BAIR23
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A90BAIR23 Datasheet(HTML) 11 Page - SPANSION

Back Button S29GL032A90BAIR23 Datasheet HTML 7Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 8Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 9Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 10Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 11Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 12Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 13Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 14Page - SPANSION S29GL032A90BAIR23 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
9
Advance
Information
Notes:
1. Ball D8 and Ball F1 are NC on S29GL064A (models R3, R4).
2. Ball F7 is NC on S29GL064A (model R5).
3. Ball C5 is NC on S29GL032A.
Special Package Handling Instructions
Special handling is required for Flash Memory products in moulded packages
(TSOP and BGA). The package and/or data integrity may be compromised if the
package body is exposed to temperatures above 150°C for prolonged periods of
time.
A2
C2
D2
E2
F2
G2
H2
A3
C3
D3
E3
F3
G3
H3
A4
C4
D4
E4
F4
G4
H4
A5
C5
D5
E5
F5
G5
H5
A6
C6
D6
E6
F6
G6
H6
A7
C7
D7
E7
F7
G7
H7
DQ15/A-1
VSS
BYTE#
2
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A213
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
A1
C1
D1
E1
F1
G1
H1
NC
NC
VIO
4
NC
NC
NC
NC
NC
A8
C8
B2
B3
B4
B5
B6
B7
B1
B8
D8
E8
F8
G8
H8
NC
NC
NC
VSS
VIO
1
NC
NC
NC
64-ball Fortified BGA
Top View, Balls Facing Down


Similar Part No. - S29GL032A90BAIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032A SPANSION-S29GL032A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI010 SPANSION-S29GL032A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI012 SPANSION-S29GL032A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI013 SPANSION-S29GL032A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAIR10 SPANSION-S29GL032A100BAIR10 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL032A90BAIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT49BV6416C ATMEL-AT49BV6416C Datasheet
489Kb / 32P
   64-megabit (4M x 16) Page Mode 2.7-volt Flash Memory
AT49BV6416 ATMEL-AT49BV6416 Datasheet
293Kb / 30P
   64-megabit (4M x 16) Page Mode 2.7-volt Flash Memory
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com