Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29WS128N0PBFW013 Datasheet(PDF) 8 Page - SPANSION

Part # S29WS128N0PBFW013
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS128N0PBFW013 Datasheet(HTML) 8 Page - SPANSION

Back Button S29WS128N0PBFW013 Datasheet HTML 4Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 5Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 6Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 7Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 8Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 9Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 10Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 11Page - SPANSION S29WS128N0PBFW013 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
6
S29WS-N MirrorBit™ Flash Family
S29WS-N_00_G0 January25,2005
Adva nce
Information
1
Ordering Information
The ordering part number is formed by a valid combination of the following:
S29WS
256
N
0S
BA
W
01
0
PACKING TYPE
0
= Tray (standard; see note 1)
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
MODEL NUMBER (Note 3)
(Package Ball Count, Package Dimensions, DYB Protect/Unprotect After
Power-up)
01
= 84-ball, 8 x 11.6 mm, DYB Unprotect
11
= 80-ball, 7 x 9 mm, DYB Protect
TEMPERATURE RANGE (Note 3)
W
= Wireless (–25°C to +85°C)
I
= Industrial (–40°C to +85°C, contact factory for availability)
PACKAGE TYPE AND MATERIAL
BA
= Very Thin Fine-Pitch BGA, Lead (Pb)-free Compliant Package
BF
= Very Thin Fine-Pitch BGA, Lead (Pb)-free Package
SPEED OPTION (BURST FREQUENCY)
0S
= 80 MHz (contact factory for availability)
0P
= 66 MHz
0L
= 54 MHz
PROCESS TECHNOLOGY
N
= 110 nm MirrorBit™ Technology
FLASH DENSITY
256
= 256 Mb
128
= 128 Mb
064
= 64 Mb
DEVICE FAMILY
S29WS = 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-N Valid Combinations (Notes 1, 2, 3)
VIO Range
DYB Power
Up State
Package Type
(Note 2)
Base Ordering
Part Number
Product
Status
Speed
Option
Package Type,
Material, &
Temperature Range
Model
Number
Packing
Type
S29WS256N
Preliminary
0S, 0P, 0L
BAW (Lead (Pb)-free
Compliant),
BFW (Lead (Pb)-free)
01
0, 2, 3
(Note 1)
1.70–1.95 V
Unprotect
8 mm x 11.6 mm
84-ball
MCP-Compatible
11
Protect
S29WS128N
Advance
01
Unprotect
11
Protect
S29WS064N
Advance
01
Unprotect
7 mm x 9 mm
80-ball
MCP-Compatible
11
Protect
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S29” and packing type
designator from ordering part number.
3. For 1.5 VIO option, other boot options, or industrial temperature
range, contact your local sales office.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.


Similar Part No. - S29WS128N0PBFW013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128N0PBFW013 SPANSION-S29WS128N0PBFW013 Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

Similar Description - S29WS128N0PBFW013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com