Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4408 Datasheet(PDF) 2 Page - Alpha Industries

Part # AO4408
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AO4408 Datasheet(HTML) 2 Page - Alpha Industries

  AO4408 Datasheet HTML 1Page - Alpha Industries AO4408 Datasheet HTML 2Page - Alpha Industries AO4408 Datasheet HTML 3Page - Alpha Industries AO4408 Datasheet HTML 4Page - Alpha Industries AO4408 Datasheet HTML 5Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4408, AO4408L
Symbol
Min
Typ
Max
Units
BVDSS
30
V
0.003
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.5
2.5
V
ID(ON)
40
A
10.5
14
TJ=125°C
16
21
13
16.5
m
gFS
30
48
S
VSD
0.76
1
V
IS
4.5
A
Ciss
1020
1200
pF
Coss
320
pF
Crss
80
pF
Rg
0.25
0.5
Qg
10.3
12.5
nC
Qgs
2.1
nC
Qgd
3.9
nC
tD(on)
3.9
5.5
ns
tr
36
ns
tD(off)
19.2
30
ns
tf
2.6
5
ns
trr
26
32
ns
Qrr
18
32
nC
100
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=12A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=10V, ID=12A
Reverse Transfer Capacitance
IF=12A, dI/dt=100A/µs
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=24V, VGS=0V
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
VGS=4.5V, ID=10A
IS=10A,VGS=0V
VDS=5V, ID=10A
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=1.2Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=15V, ID=12A
Gate Source Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=0V, VDS=15V, f=1MHz
Gate Drain Charge
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value in
any a given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA curve
provides a single pulse rating.
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4408

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4408 AOSMD-AO4408 Datasheet
171Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4408 KEXIN-AO4408 Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4408 VBSEMI-AO4408 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4408 DOINGTER-AO4408 Datasheet
475Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4408-HF KEXIN-AO4408-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4408

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com