Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8826 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8826
Description  1.55A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8826 Datasheet HTML 6Page - Analog Microelectronics AME8826 Datasheet HTML 7Page - Analog Microelectronics AME8826 Datasheet HTML 8Page - Analog Microelectronics AME8826 Datasheet HTML 9Page - Analog Microelectronics AME8826 Datasheet HTML 10Page - Analog Microelectronics AME8826 Datasheet HTML 11Page - Analog Microelectronics AME8826 Datasheet HTML 12Page - Analog Microelectronics AME8826 Datasheet HTML 13Page - Analog Microelectronics AME8826 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AME, Inc.
11
AME8826
1.55A CMOS LDO
!
External Resistor Divider Table
R1
(K Ohm)
1
2
5
10
20
50
100
200
500
1000
Vout
1.30
21.41
42.83
107.07 214.14 428.28 1070.69
1.35
11.50
23.00
57.50
115.00 230.00 575.00
1.40
7.86
15.72
39.30
78.61
157.22 393.04
1.45
5.97
11.94
29.86
59.71
119.42 298.56 597.55
1.50
4.81
9.63
24.07
48.14
96.28
240.70 481.68 962.79
1.55
4.03
8.06
20.16
40.32
80.65
201.62 403.44 806.49
1.60
3.47
6.94
17.35
34.69
69.39
173.46 347.07 693.85
1.65
3.04
6.09
15.22
30.44
60.88
152.21 304.52 608.82
1.70
2.71
5.42
13.56
27.12
54.24
135.59 271.27 542.36
1.75
2.44
4.89
12.22
24.45
48.90
122.24 244.56 488.98
1.80
2.23
4.45
11.13
22.26
44.52
111.29 222.64 445.16
1.85
2.04
4.09
10.21
20.43
40.86
102.14 204.33 408.55
1.90
1.89
3.78
9.44
18.88
37.75
94.38
188.80 377.51
1.95
1.75
3.51
8.77
17.54
35.08
87.71
175.46 350.85 877.12
2.00
1.64
3.28
8.19
16.39
32.77
81.93
163.88 327.70 819.26
2.05
1.54
3.07
7.69
15.37
30.74
76.86
153.74 307.43 768.56
2.10
1.45
2.90
7.24
14.48
28.95
72.38
144.78 289.51 723.78
2.15
1.37
2.74
6.84
13.68
27.36
68.39
136.81 273.57 683.92
2.20
1.30
2.59
6.48
12.96
25.93
64.82
129.67 259.29 648.23
2.25
1.23
2.46
6.16
12.32
24.64
61.61
123.23 246.43 616.07
2.30
1.17
2.35
5.87
11.74
23.48
58.70
117.41 234.78 586.96
2.35
1.12
2.24
5.60
11.21
22.42
56.05
112.11 224.19 560.47
2.40
1.07
2.15
5.36
10.73
21.45
53.63
107.27 214.51 536.27
2.45
1.03
2.06
5.14
10.28
20.56
51.41
102.83 205.63 514.07
2.50
0.99
1.97
4.94
9.87
19.75
49.36
98.74
197.46 493.64
2.55
0.95
1.90
4.75
9.50
18.99
47.48
94.97
189.91 474.77
2.60
0.91
1.83
4.57
9.15
18.29
45.73
91.47
182.92 457.29
914.58
2.65
0.88
1.76
4.41
8.82
17.64
44.11
88.22
176.42 441.05
882.10
2.70
0.85
1.70
4.26
8.52
17.04
42.59
85.19
170.37 425.93
851.85
2.75
0.82
1.65
4.12
8.24
16.47
41.18
82.37
164.72 411.80
823.61
2.80
0.80
1.59
3.99
7.97
15.94
39.86
79.73
159.44 398.59
797.18
2.85
0.77
1.54
3.86
7.72
15.45
38.62
77.25
154.48 386.19
772.39
2.90
0.75
1.50
3.75
7.49
14.98
37.45
74.92
149.82 374.55
749.10
2.95
0.73
1.45
3.64
7.27
14.54
36.36
72.72
145.43 363.58
727.17
3.00
0.71
1.41
3.53
7.06
14.13
35.32
70.65
141.30 353.24
706.48
3.05
0.69
1.37
3.43
6.87
13.74
34.35
68.70
137.39 343.47
686.95
3.10
0.67
1.34
3.34
6.68
13.37
33.42
66.85
133.69 334.23
668.46
R2(kohm)=(1.242*R1(kohm))/(Vout-1.242)


Similar Part No. - AME8826

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826AEDA150Z AME-AME8826AEDA150Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
AME8826AEDA180Z AME-AME8826AEDA180Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
AME8826AEDA250Z AME-AME8826AEDA250Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
AME8826AEDA330Z AME-AME8826AEDA330Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
AME8826AEDA475Z AME-AME8826AEDA475Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
More results

Similar Description - AME8826

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826_08 Datasheet
200Kb / 17P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com