Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8610BRZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8610BRZ-REEL
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610BRZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8610BRZ-REEL Datasheet HTML 7Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 8Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 9Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 10Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 11Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 12Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 13Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 14Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. D
AD8610/AD8620
–11–
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 54V/ s
Figure 9. (+SR) of AD8610/AD8620 in Unity Gain of –1
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 42.1V/ s
Figure 10. (+SR) of OPA627 in Unity Gain of –1
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 54V/ s
Figure 11. (–SR) of AD8610/AD8620 in Unity Gain of –1
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 56V/ s
Figure 12. (–SR) of OPA627 in Unity Gain of –1
The AD8610 has a very fast slew rate of 60 V/
µs even when config-
ured in a noninverting gain of +1. This is the toughest condition to
impose on any amplifier since the input common-mode capacitance
of the amplifier generally makes its SR appear worse. The slew
rate of an amplifier varies according to the voltage difference
between its two inputs. To observe the maximum SR as specified
in the AD8610 data sheet, a difference voltage of about 2 V between
the inputs must be ensured. This will be required for virtually any
JFET op amp so that one side of the op amp input circuit is com-
pletely off, maximizing the current available to charge and discharge
the internal compensation capacitance. Lower differential
drive voltages will produce lower slew rate readings. A JFET-
input op amp with a slew rate of 60 V/
µs at unity gain with
VIN = 10 V might slew at 20 V/
µs if it is operated at a gain of
+100 with VIN = 100 mV.
The slew rate of the AD8610/AD8620 is double that of the OPA627
when configured in a unity gain of +1 (see Figures 13 and 14).
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = +1
SR = 85V/ s
Figure 13. (+SR) of AD8610/AD8620 in Unity Gain of +1


Similar Part No. - AD8610BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610BRZ-REEL AD-AD8610BRZ-REEL Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610BRZ-REEL7 AD-AD8610BRZ-REEL7 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

Similar Description - AD8610BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com