Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1620COTR Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC1620COTR
Description  High Efficiency Synchronous Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1620COTR Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC1620COTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 10Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 11Page - Analog Intergrations Corporation AIC1620COTR Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AIC1620/AIC1621/AIC1622
11
n APPLICATION EXAMPLES
DAMPING
SWITCH
VIN
VOUT
AIC1622
OUT
BATT
LX
GND
Q3
Q2
Q1
L1
R1
200
22µH
VOUT
VIN
(AIC1622)
R2
100K
AIC1620
AIC1621
AIC1622
C3
C1
L
22
µH
100
µF
220
µF
0.1
µF
C2
0.1
µ F
C4
R1
200
LOW BATTERY
OUTPUT
R4
R3
CLSEL
(AIC1622)
LX
OUT
FB
GND
REF
LBI
BATT
LBO
SHDN
Fig. 15. Simplified Damping Switch Diagram
Fig. 16 VOUT = 3.3V Application Circuit.
VOUT
VIN
100K
R1
200
R2
22
µH
100
µF
220
µF
0.1
µF
0.1
µF
LOW BATTERY
OUTPUT
C2
C4
C3
C1
L
(AIC1622)
AIC1622
AIC1621
AIC1620
R6
R5
R4
R3
SHDN
CLSEL
(AIC1622)
LX
FB
LBO
GND
REF
LBI
BATT
OUT
Fig. 17 An Adjustable Output Application Circuit


Similar Part No. - AIC1620COTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1628CN AIC-AIC1628CN Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1628CS AIC-AIC1628CS Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
More results

Similar Description - AIC1620COTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com