Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AED30A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AED30A
Description  M-NARA ULTRA LOW POWER MPEG LAYER3 AUDIO ENC/DECODER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AED30A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AED30A Datasheet HTML 1Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 2Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 3Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 4Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 5Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 6Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 7Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 8Page - List of Unclassifed Manufacturers AED30A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
M-NARA (AED30A)
2. FEATURES
MPEG 1/2 Audio layer 3 encoder/decoder single chip
Fully hardwired design for ultra low power and cost
Various user interface (I2C, I2S, PIO)
Host read/write access with I2C interface
16bits PCM data input/MP3 data output for encoder with I2C/I2S/PIO interface
MP3 data input for decoder with I2C/I2S/PIO interface
Internal PLL
12.288MHz single clock
Need not program download
Power down mode for reducing power consumption
Power consumption – normal mode (encoder : 8mA, decoder : 6mA )
3.3/2.5V power supply
64 pin TQFP
2.1 Encoder Features
Flexible encoding bit rate (MPEG1 : 32 ~ 320kbps, MPEG2 : 8 ~ 160kbps)
Various audio source input (music, voice, radio, audio line-in, 16bit PCM data)
Voice record/playback (16kHz sampling freq. 8~32kbps mono) function
MPEG1 layer3 format
32, 44.1, 48kHz 16-bit stereo ADC sampled data/16bits PCM data input
Flexible compression ratio(32, 40, 48, 56, 64, 80, 96, 112, 128, 160, 192, 224, 256, 320kbps)
stereo/joint-stereo/mono encoded data serial/parallel output
For music application
MPEG2 layer3 format
16, 22.05, 24kHz 16-bit stereo ADC sampled data/wave file data input
Flexible compression ratio(8, 16, 24, 32, 40, 48, 56, 64, 80, 96, 112, 128, 144, 160kbps)
stereo/joint-stereo/mono encoded data serial/parallel output
In case of 8Kbps case, only 16kHz mono encoding is possible.
For voice application(16kHz 8~32kbps mono encoding)
4
Confidential


Similar Part No. - AED30A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AED36US05 XPPOWER-AED36US05 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED36US05 XPPOWER-AED36US05 Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
AED36US09 XPPOWER-AED36US09 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED36US09 XPPOWER-AED36US09 Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
AED36US12 XPPOWER-AED36US12 Datasheet
170Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AED30A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
NXP Semiconductors
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
logo
Sony Corporation
CXD5091AGG SONY-CXD5091AGG Datasheet
352Kb / 31P
   Ultra low power Audio Decoder LSI
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com