Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-2051 Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # ADNS-2051
Description  Optical Mouse Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNS-2051 Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button ADNS-2051 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 17Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 18Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 19Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 20Page - Agilent(Hewlett-Packard) ADNS-2051 Datasheet HTML 21Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17
Synchronous Serial Port
The synchronous serial port is
used to set and read parameters
in the ADNS-2051, and can be
used to read out the motion infor-
mation instead of the quadrature
data pins.
The port is a two wire, half duplex
port. The host micro-controller
always initiates communication;
the ADNS-2051 never initiates
data transfers.
SCLK:
The serial port clock. It
is always generated by
the master (the micro-
controller).
SDIO:
The data line.
PD:
A third line is sometimes
involved. PD (Power
Down) is usually used to
place the ADNS-2051 in
a low power mode to
meet USB suspend speci-
fication. PD can also be
used to force re-synchro-
nization between the
micro-controller and the
ADNS-2051 in case of an
error.
Write Operation
Write operations, where data is
going from the micro-controller
to the ADNS-2051, is always initi-
ated by the micro-controller and
consists of two bytes. The first
byte contains the address (seven
bits) and has a “1” as its MSB to
indicate data direction. The sec-
ond byte contains the data. The
transfer is synchronized by SCLK.
The micro-controller changes
SDIO on falling edges of SCLK.
The ADNS-2051 reads SDIO on
rising edges of SCLK.
Figure 25. Write operation.
Figure 26. SDIO setup and hold times
SCLK pulse width.
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D0
D5
D6
D7
A0
A1
A2
A3
A4
A5
A6
D4
D3
D2
D1
SCLK
CYCLE #
SCLK
SDIO
DON'T
CARE
SDIO DRIVEN BY MICRO-CONTROLLER
120 ns
120 ns
120 ns, MIN.
tsetup = 60 ns, MIN.
SCLK
SDIO


Similar Part No. - ADNS-2051

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-2051 HP-ADNS-2051 Datasheet
717Kb / 51P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-2051 BOARDCOM-ADNS-2051 Datasheet
106Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-2051

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com